Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC056 Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # VSC056
Description  Enhanced Two-Wire Serial Backplane Controller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VSC056 Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button VSC056 Datasheet HTML 15Page - Maxim Integrated Products VSC056 Datasheet HTML 16Page - Maxim Integrated Products VSC056 Datasheet HTML 17Page - Maxim Integrated Products VSC056 Datasheet HTML 18Page - Maxim Integrated Products VSC056 Datasheet HTML 19Page - Maxim Integrated Products VSC056 Datasheet HTML 20Page - Maxim Integrated Products VSC056 Datasheet HTML 21Page - Maxim Integrated Products VSC056 Datasheet HTML 22Page - Maxim Integrated Products VSC056 Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 134 page
background image
19 of 134
VSC056
Data Sheet
Revision 4.1
January 2008
The following table provides the mapping of the register sets by address.
E9h
R/W
MIPS
Master Interface Port Select Register
EAh
R/W
MID
Master Interface Data Register
EBh
R/W
MIC
Master Interface Command Register
ECh
R/W
MILC
Master Interface Low-Level Control Register
EDh
R
MIS
Master Interface Status Register
EEh
R
MIRD
Master Interface Read Data Register
F0h
R/W
BCP70
Bit Control Port 7 - Bit 0 Register
F1h
R/W
BCP71
Bit Control Port 7 - Bit 1 Register
F2h
R/W
BCP72
Bit Control Port 7 - Bit 2 Register
F3h
R/W
BCP73
Bit Control Port 7 - Bit 3 Register
F4h
R/W
BCP74
Bit Control Port 7 - Bit 4 Register
F5h
R/W
BCP75
Bit Control Port 7 - Bit 5 Register
F6h
R/W
BCP76
Bit Control Port 7 - Bit 6 Register
F7h
R/W
BCP77
Bit Control Port 7 - Bit 7 Register
F8h
R/W
BCIS
Backplane Controller Interrupt Status Register
FCh
R/W
BCT
Backplane Controller Test Register
FDh
R/W
CSC
Clock Select Control Register
FEh
R/W
CDC
Clock Divider Control Register
FFh
R
VER
Backplane Controller Version Register
Table 3. Address Map
11b
10b
01b
00b
Address
GPD3
GPD2
GPD1
GPD0
00h
GPD7
GPD6
GPD5
GPD4
04h
reserved
reserved
reserved
reserved
08h-0Ch
DDP3
DDP2
DDP1
DDP0
10h
DDP7
DDP6
DDP5
DDP4
14h
reserved
reserved
reserved
reserved
18h-1Ch
PBC3
PBC2
PBC1
PBC0
20h
PBC7
PBC6
PBC5
PBC4
24h
PBC11
PBC10
PBC9
PBC8
28h
PBC15
PBC14
PBC13
PBC12
2Ch
reserved
FSCC0
FSCO0
FSC0
30h
reserved
FSCC1
FSCO1
FSC1
34h
reserved
FSCC2
FSCO2
FSC2
38h
reserved
FSCC3
FSCO3
FSC3
3Ch
reserved
FSCC4
FSCO4
FSC4
40h
reserved
FSCC5
FSCO5
FSC5
44h
reserved
FSCC6
FSCO6
FSC6
48h
Table 2. Register Map (continued)
Data Memory
Address
Access
Label
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com