Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC056 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # VSC056
Description  Enhanced Two-Wire Serial Backplane Controller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VSC056 Datasheet(HTML) 1 Page - Maxim Integrated Products

  VSC056 Datasheet HTML 1Page - Maxim Integrated Products VSC056 Datasheet HTML 2Page - Maxim Integrated Products VSC056 Datasheet HTML 3Page - Maxim Integrated Products VSC056 Datasheet HTML 4Page - Maxim Integrated Products VSC056 Datasheet HTML 5Page - Maxim Integrated Products VSC056 Datasheet HTML 6Page - Maxim Integrated Products VSC056 Datasheet HTML 7Page - Maxim Integrated Products VSC056 Datasheet HTML 8Page - Maxim Integrated Products VSC056 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 134 page
background image
VSC056 Data Sheet
Enhanced Two-Wire Serial Backplane Controller
Revision 4.1
January 2008
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Maxim Integrated Products
1 of 134
To order the VSC056 device, see “Ordering Information,” page 134.
GENERAL DESCRIPTION
The VSC056 device is an I/O-intensive peripheral device that is intended to be part of a cost-effective Fibre Channel
Arbitrated Loop (FC-AL), Small Computer System Interface (SCSI), Serial Attached SCSI (SAS), or Serial ATA
(SATA) enclosure management solution. The device contains an address-programmable two-wire serial interface, a
block of control and status registers, I/O port control logic, specialized port bypass control logic, and a clock-
generation block.
Along with an external crystal, the device can be configured to support up to 64 bits of general-purpose I/O; or 16 bits
of general-purpose I/O, 32 bits of port bypass control (16 pairs supporting 16 drives), eight fan speed monitoring
inputs, and eight pulse-width modulated general-purpose control outputs.
The VSC056 supports various combinations of individual port bypass circuit (PBC), clock recovery unit (CRU), and
signal detect unit (SDU) functions, as well as integrated solutions. The control register portion of the device allows
the user to individually program each I/O pin as an input, an output, or an open-drain or open-source output.
FEATURES
•
Up to 64 bits of user-definable, bidirectional
general-purpose inputs and outputs
•
Integrated port bypass, clock recovery and signal
detect support for up to 16 drives
•
Eight programmable fan speed monitoring inputs
•
Eight programmable pulse-width modulated fan
control outputs
•
Up to 32 programmable input-to-output bypass pairs
•
Two clock input ranges: 8.0 MHz to 12.5 MHz
(external crystal or external clock source) and
32.0 MHz to 75.0 MHz (external clock source)
•
Selectable direct LED drive flashing capability
•
Pin-programmable addressing for up to 16 devices
on a single serial bus
•
5-V tolerant high current I/O, Slave mode two-wire
serial interface and interrupt output
•
Ten programmable LED pulse train circuits
•
One 24-bit general-purpose timer (supports a
timeout greater than four seconds with a 12.5 MHz
core clock)
•
Up to 16 subaddressed Master mode two-wire serial
interface ports
•
External reset of the slave two-wire serial core
•
Enhanced fan speed monitor input filters
•
20% of package pins are power and ground for
excellent noise immunity and long-term reliability
APPLICATIONS
•
Enterprise storage environments
•
Storage Area Network (SAN) appliances
•
Network Attached Storage (NAS) systems
•
Fabric Attached Storage (FAS) systems
•
Rack-mounted servers with RAID
•
JBOD arrays
•
Disk-based backup storage
•
Near-line storage replacement systems
•
Fixed-content storage systems


Similar Part No. - VSC056

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
VSC050XKM-01 MAXIM-VSC050XKM-01 Datasheet
763Kb / 79P
Two-Wire Serial Backplane Controller
Revision 4.0 November 10, 2004
logo
Vitesse Semiconductor C...
VSC055 VITESSE-VSC055 Datasheet
408Kb / 2P
Enhanced I2C Backplane Controller
More results

Similar Description - VSC056

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z85230 ZILOG-Z85230 Datasheet
1Mb / 120P
ENHANCED SERIAL COMMUNICATIONS CONTROLLER
logo
Advanced Micro Devices
AM85C30 AMD-AM85C30 Datasheet
527Kb / 68P
Enhanced Serial Communications Controller
logo
Vitesse Semiconductor C...
VSC055 VITESSE-VSC055 Datasheet
408Kb / 2P
Enhanced I2C Backplane Controller
logo
Maxim Integrated Produc...
VSC060 MAXIM-VSC060 Datasheet
1Mb / 166P
Enhanced High-Density Two-Wire Serial Backplane Controller
Revision 4.1 January 2008
SSC050-01 MAXIM-SSC050-01 Datasheet
763Kb / 79P
Two-Wire Serial Backplane Controller
Revision 4.0 November 10, 2004
logo
Zilog, Inc.
Z8523016VEG ZILOG-Z8523016VEG Datasheet
1Mb / 118P
Enhanced Serial Communications Controller
Z8523L08VEG ZILOG-Z8523L08VEG Datasheet
1Mb / 118P
Enhanced Serial Communications Controller
Z8523020PSG ZILOG-Z8523020PSG Datasheet
1Mb / 118P
Enhanced Serial Communications Controller
Z8523020VSG ZILOG-Z8523020VSG Datasheet
1Mb / 118P
Enhanced Serial Communications Controller
logo
Renesas Technology Corp
R1EX24002ASAS0G RENESAS-R1EX24002ASAS0G_15 Datasheet
505Kb / 18P
Two-wire serial interface Two-wire serial interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com