Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL78840ASRHVX/SAMPLE Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL78840ASRHVX/SAMPLE
Description  Radiation Hardened, High Performance IndustryStandard Single-Ended Current Mode PWM Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78840ASRHVX/SAMPLE Datasheet(HTML) 1 Page - Intersil Corporation

  ISL78840ASRHVX/SAMPLE Datasheet HTML 1Page - Intersil Corporation ISL78840ASRHVX/SAMPLE Datasheet HTML 2Page - Intersil Corporation ISL78840ASRHVX/SAMPLE Datasheet HTML 3Page - Intersil Corporation ISL78840ASRHVX/SAMPLE Datasheet HTML 4Page - Intersil Corporation ISL78840ASRHVX/SAMPLE Datasheet HTML 5Page - Intersil Corporation ISL78840ASRHVX/SAMPLE Datasheet HTML 6Page - Intersil Corporation ISL78840ASRHVX/SAMPLE Datasheet HTML 7Page - Intersil Corporation ISL78840ASRHVX/SAMPLE Datasheet HTML 8Page - Intersil Corporation ISL78840ASRHVX/SAMPLE Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2009. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
Radiation Hardened, High Performance Industry
Standard Single-Ended Current Mode PWM
Controller
ISL78840ASRH, ISL78841ASRH, ISL78843ASRH, ISL78845ASRH
The ISL7884xASRH is a high performance, radiation
hardened drop-in replacement for the popular 28C4x and
18C4x PWM controllers suitable for a wide range of
power conversion applications including boost, flyback,
and isolated output configurations. Its fast signal
propagation and output switching characteristics make
this an ideal product for existing and new designs.
Features include up to 13.2V operation, low operating
current, 90µA typ start-up current, adjustable operating
frequency to 1MHz, and high peak current drive
capability with 50ns rise and fall times.
Specifications for Rad Hard QML devices are
controlled by the Defense Supply Center in
Columbus (DSCC). The SMD numbers listed in the
ordering information must be used when ordering.
Detailed Electrical Specifications for the
ISL788xASRH are contained in SMD 5962-07249. A
“hot-link” is provided on our website for
downloading.
Features
• Electrically Screened to DSCC SMD # 5962-07249
• QML Qualified Per MIL-PRF-38535 Requirements
•1A MOSFET Gate Driver
• 90µA Typ Start-up Current, 125µA Max
• 35ns Propagation Delay Current Sense to Output
• Fast Transient Response with Peak Current Mode
Control
• 9V to 13.2V Operation
• Adjustable Switching Frequency to 1MHz
• 50ns Rise and Fall Times with 1nF Output Load
• Trimmed Timing Capacitor Discharge Current for
Accurate Deadtime/Maximum Duty Cycle Control
• 1.5MHz Bandwidth Error Amplifier
• Tight Tolerance Voltage Reference Over Line, Load
and Temperature
• ±3% Current Limit Threshold
• Pb-Free Available (RoHS Compliant)
Applications
• Current Mode Switching Power Supplies
• Isolated Buck and Flyback Regulators
• Boost Regulators
• Direction and Speed Control in Motors
• Control of High Current FET Drivers
Pin Configuration
ISL78840ASRH, ISL78841ASRH,
ISL78843ASRH, ISL78845ASRH
(8 LD FLATPACK)
TOP VIEW
PART NUMBER
RISING UVLO
MAX. DUTY CYCLE
ISL78840ASRH
7.0
100%
ISL78841ASRH
7.0
50%
ISL78843ASRH
8.4V
100%
ISL78845ASRH
8.4V
50%
8
7
6
5
2
3
4
1
COMP
FB
CS
RTCT
V
REF
V
DD
OUT
GND
December 21, 2009
FN6991.0


Similar Part No. - ISL78840ASRHVX/SAMPLE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78840ASRHVX INTERSIL-ISL78840ASRHVX Datasheet
890Kb / 18P
Radiation Hardened, High Performance Industry Standard Single-Ended Current Mode PWM Controller
Feb 25, 2020 Rev.4.00
logo
Renesas Technology Corp
ISL78840ASRHVX RENESAS-ISL78840ASRHVX Datasheet
951Kb / 19P
Radiation Hardened, High Performance Industry Standard Single-Ended Current Mode PWM Controller
Feb 13, 2025
More results

Similar Description - ISL78840ASRHVX/SAMPLE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IS-1845ASRH INTERSIL-IS-1845ASRH Datasheet
57Kb / 2P
Single Event Radiation Hardened High Speed, Current Mode PWM
October 2003
ISL8840A INTERSIL-ISL8840A Datasheet
302Kb / 15P
High Performance Industry Standard Single-Ended Current Mode PWM Controller
April 18, 2007
ISL8840AMBEPZ INTERSIL-ISL8840AMBEPZ Datasheet
231Kb / 10P
High Performance Industry Standard Single-Ended Current Mode PWM Controller
September 29, 2008
IS-1845ASRH INTERSIL-IS-1845ASRH_08 Datasheet
202Kb / 3P
Single Event Radiation Hardened High Speed, Current Mode PWM
September 25, 2008
ISL78840ASRH INTERSIL-ISL78840ASRH_10 Datasheet
766Kb / 15P
High Performance Industry Standard Single-Ended Current Mode PWM Controller
IS-1845ASEH INTERSIL-IS-1845ASEH Datasheet
151Kb / 3P
Single Event Radiation Hardened High Speed, Current Mode PWM
July 13, 2012
ISL78840ASEH INTERSIL-ISL78840ASEH Datasheet
810Kb / 15P
Radiation Hardened, High Performance Industry Standard Single-Ended Current Mode PWM Controller
May 29, 2012
ISL8840AMZ INTERSIL-ISL8840AMZ Datasheet
229Kb / 10P
High Performance Industry Standard Single-Ended Current Mode PWM Controller
December 1, 2011
ISL78840ASXH INTERSIL-ISL78840ASXH Datasheet
890Kb / 18P
Radiation Hardened, High Performance Industry Standard Single-Ended Current Mode PWM Controller
Feb 25, 2020 Rev.4.00
logo
Renesas Technology Corp
ISL73847SEH RENESAS-ISL73847SEH Datasheet
1Mb / 43P
Radiation Hardened Single/Dual Phase Current Mode PWM Controller
Feb 15, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com