Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS16F95J/883 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS16F95J/883
Description  EIA-485/EIA-422A Differential Bus Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS16F95J/883 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS16F95J/883 Datasheet HTML 1Page - National Semiconductor (TI) DS16F95J/883 Datasheet HTML 2Page - National Semiconductor (TI) DS16F95J/883 Datasheet HTML 3Page - National Semiconductor (TI) DS16F95J/883 Datasheet HTML 4Page - National Semiconductor (TI) DS16F95J/883 Datasheet HTML 5Page - National Semiconductor (TI) DS16F95J/883 Datasheet HTML 6Page - National Semiconductor (TI) DS16F95J/883 Datasheet HTML 7Page - National Semiconductor (TI) DS16F95J/883 Datasheet HTML 8Page - National Semiconductor (TI) DS16F95J/883 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Absolute Maximum Ratings (Note 1)
Storage Temperature Range
−65˚C
≤ T
A
≤ +175˚C
Lead Temperature
(Soldering, 60 sec.)
300˚C
Maximum Power Dissipation at 25˚C (Note 2)
LCC ’E’ Package
1800 mW
Cerdip ’J’ Package
1274 mW
Cerpack ’W’ Package
725 mW
Ceramic SOIC ’WG’ Package
725 mW
Supply Voltage
7.0V
Input Voltage (Bus Terminal)
+15V/−10V
Enable Input Voltage
5.5V
Junction Temperature (TJ)
+175˚C
Thermal Resistance
θ
JA
LCC ’E’ Package
Cerdip ’J’ Package
Cerpack ’W’ Package
Ceramic SOIC ’WG’ Package
83˚C/W @ 0.5W
118˚C/W @ 1.0W
207˚C/W @ 0.5W
207˚C/W @ 0.5W
θ
JC
LCC ’E’ Package
Cerdip ’J’ Package
Cerpack ’W’ Package
Ceramic SOIC ’WG’ Package
17˚C/W
14˚C/W
18˚C/W
18˚C/W
ESD Tolerance (Note 3)
500V
Recommended Operating Conditions
Supply Voltage (V
CC)
4.50 to 5.50V
Voltage at Any Bus Terminal
(Separately or Common Mode)
(V
I or VCM)
−7.0V to +12V
Differential Input
Voltage (V
ID)
−7.0V to ±12V
Output Current HIGH (I
OH)
Driver
Receiver
−60mA
−400µA
Output Current LOW (I
OL)
Driver
Receiver
60mA
16mA
Operating Temperature (T
A)
−55˚C to +125˚C
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com