Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS16F95J/883 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS16F95J/883
Description  EIA-485/EIA-422A Differential Bus Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS16F95J/883 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DS16F95J/883 Datasheet HTML 2Page - National Semiconductor (TI) DS16F95J/883 Datasheet HTML 3Page - National Semiconductor (TI) DS16F95J/883 Datasheet HTML 4Page - National Semiconductor (TI) DS16F95J/883 Datasheet HTML 5Page - National Semiconductor (TI) DS16F95J/883 Datasheet HTML 6Page - National Semiconductor (TI) DS16F95J/883 Datasheet HTML 7Page - National Semiconductor (TI) DS16F95J/883 Datasheet HTML 8Page - National Semiconductor (TI) DS16F95J/883 Datasheet HTML 9Page - National Semiconductor (TI) DS16F95J/883 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
DC - Receiver Electrical Characteristics (Note 10)
The following conditions apply to all parameters, unless otherwise specified. V
CC = 5.5V
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
Sub-group
V
OH
Logical "1" Output Voltage
Figure 2
V
CC = 4.5V, VLD = 200mV,
I
OH = -400uA
2.5
V
1,2,3
V
OL
Logical "0" Output Voltage
Figure 2
V
CC = 4.5V, VLD = -200mV,
I
OL = 8mA
.45
V
1,2,3
V
CC = 4.5V, VLD = -200mV,
I
OL = 16mA
.5
V
1,2,3
I
I
Line Input Current
Untested Input = 0V, V
I =12V
1
mA
1,2,3
Untested Input = 0V, V
I = -7V
(Note 5)
-.8
mA
1, 2, 3
V
CC = 0V, Untested Input = 0V,
V
I = 12V
(Note 5)
1
mA
1, 2, 3
V
CC = 0V, Untested Input = 0V,
V
I = -7V
-.8
mA
1, 2, 3
I
IH
Logical "1" Input Current
V
I = 2.7V (Receiver)
20
uA
1, 2, 3
R
IN
Input Resistance
Untested Input = 0V, V
I = 12V
(Note 6)
10
K
Ω
1, 2, 3
Untested Input = 0V, V
I = -7V
(Note 6)
10
K
Ω
1, 2, 3
V
CC = 0V, Untested Input = 0V,
V
I
= 12V
(Note 6)
10
K
Ω
1, 2, 3
V
CC = 0V, Untested Input = 0V,
V
I = -7V
(Note 6)
10
K
Ω
1, 2, 3
I
OZ
High Impedance State
V
I = .4V
-20
20
uA
1, 2, 3
V
I = 2.4V
-20
20
uA
1, 2, 3
I
OS
Output Short Circuit
V
IN = 1V, VOUT = 0V
-85
-15
mA
1, 2, 3
V
TH
Differential Input High
Threshold
V
CC = 4.5V, VO = 2.5V,
V
CM = 12V & 0V & -7V,
I
O = -.4mA
.2
V
1,2,3
VCC = 5.5V, Vo = 2.5V,
VCM = 12V & 0V & -7V,
I
O = -.4mA
.2
V
1,2,3
V
T1
Differential Input Low Threshold V
CC = 4.5V, VO = .5V,
V
CM = 12V & 0V & -7V,
I
O = 8mA
-.2
V
1,2,3
V
CC = 5.5V, VO = .5V,
V
CM = 12V & 0V & -7V,
I
O = 8mA
-.2
V
1,2,3
V
TH+-
(V
TH-)
Hyteresis
V
CC = 4.5V, VCM =0V
35
mV
1,2,3
V
CC = 5.5V, VCM =0V
35
mV
1,2,3
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com