Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS16F95J/883 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS16F95J/883
Description  EIA-485/EIA-422A Differential Bus Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS16F95J/883 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS16F95J/883 Datasheet HTML 1Page - National Semiconductor (TI) DS16F95J/883 Datasheet HTML 2Page - National Semiconductor (TI) DS16F95J/883 Datasheet HTML 3Page - National Semiconductor (TI) DS16F95J/883 Datasheet HTML 4Page - National Semiconductor (TI) DS16F95J/883 Datasheet HTML 5Page - National Semiconductor (TI) DS16F95J/883 Datasheet HTML 6Page - National Semiconductor (TI) DS16F95J/883 Datasheet HTML 7Page - National Semiconductor (TI) DS16F95J/883 Datasheet HTML 8Page - National Semiconductor (TI) DS16F95J/883 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DS16F95QML
EIA-485/EIA-422A Differential Bus Transceiver
General Description
The DS16F95 Differential Bus Transceiver is a monolithic
integrated circuit designed for bidirectional data communica-
tion on balanced multipoint bus transmission lines. The
transceiver meets EIA standard RS-485 as well as RS-422A.
The DS16F95 offers improved performance due to the use
of state-of-the-art L-FAST bipolar technology. The L-FAST
technology allows for higher speeds and lower currents by
utilizing extremely short gate delay times. Thus, the
DS16F95QML features lower power, extended temperature
range and improved specifications.
The DS16F95 combines a TRI-STATE® differential input line
receiver, both of which operate from a single 5.0V power
supply. The driver and receiver have an active Enable that
can be externally connected to function as a direction con-
trol. The driver differential outputs and the receiver differen-
tial inputs are internally connected to form differential input/
output (I/O) bus ports that are designed to offer minimum
loading to the bus whenever the driver is disabled or when
V
CC = 0V. These ports feature wide positive and negative
common mode voltage ranges, making the device suitable
for multipoint applications in noisy environments.
The driver is designed to accommodate loads of up to 60 mA
of sink or source current and features positive and negative
current limiting in addition to thermal shutdown for protection
from line fault conditions.
The DS16F95 can be used in transmission line applications
employing the DS96F172 and the DS96F174 quad differen-
tial line drivers and the DS96F173 and DS96F175 quad
differential line receivers.
Features
n
Radiation features DS16F95 guaranteed to 300k rd(Si)
n
Meets EIA-485 and EIA-422A
n
Meets SCSI-1 (5 MHZ) specifications
n
Designed for multipoint transmission
n
Wide positive and negative input/output bus voltage
ranges
n
Thermal shutdown protection
n
Driver positive and negative current-limiting
n
High impedance receiver input
n
Receiver input hysteresis of 50 mV typical
n
Operates from single 5.0V supply
n
Reduced power consumption
n
Pin compatible with DS3695 and SN75176A
Ordering Information
NS PART NUMBER
SMD PART NUMBER
NS PACKAGE NUMBER
PACKAGE DISCRIPTION
DS16F95E/883
5962–89615012A
E20A
20LD LCC
DS16F95J/883
5962–8961501PA
J08A
8LD CERDIP
DS16F95J-QMLV
5962–8961501VPA
J08A
8LD CERDIP
DS16F95JFQML
5962F8961501QPA
300k rd(Si)
J08A
8LD CERDIP
DS16F95JFQMLV
5962F8961501VPA
300k rd(Si)
J08A
8LDS CERDIP
DS16F95W-SMD
5962–8961501HA
W10A
10LD CERPACK
DS16F95W/883
W10A
10LD CERPACK
DS16F95W-QMLV
5962–8961501VHA
W10A
10LD CERPACK
DS16F95WFQML
5962F8961501QHA
300k rd(Si)
W10A
10LD CERPACK
DS16F95WFQMLV
5962F8961501VHA
300k rd(Si)
W10A
10LD CERPACK
DS16F95WG/883
5962–8961501QXA
WG10A
10LD Ceramic SOIC
DS16F95WG-QMLV
5962–8961501VXA
WG10A
10LD Ceramic SOIC
DS16F95WGFQML
5962F8961501QXA
300k rd(Si)
WG10A
10LD Ceramic SOIC
DS16F95WGFQMLV
5962F8961501VXA
300k rd(Si)
WG10A
10LD Ceramic SOIC
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
September 2005
© 2005 National Semiconductor Corporation
DS201425
www.national.com


Similar Part No. - DS16F95J/883

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS16F95J/883 NSC-DS16F95J/883 Datasheet
274Kb / 14P
EIA-485/EIA-422A Differential Bus Transceiver
logo
Texas Instruments
DS16F95J/883 TI1-DS16F95J/883 Datasheet
520Kb / 19P
EIA-485/EIA-422A Differential Bus Transceiver
DS16F95J/883 TI2-DS16F95J/883 Datasheet
605Kb / 20P
DS16F95QML EIA-485/EIA-422A Differential Bus Transceiver
REVISED APRIL 2013
More results

Similar Description - DS16F95J/883

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS16F95 NSC-DS16F95 Datasheet
274Kb / 14P
EIA-485/EIA-422A Differential Bus Transceiver
DS96F172M NSC-DS96F172M Datasheet
717Kb / 11P
EIA-485/EIA-422 Quad Differential Drivers
DS16F95A NSC-DS16F95A Datasheet
363Kb / 10P
TIA/EIA-485-A (RS-485) Extended Temperature Differential Bus Transceiver
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML Datasheet
381Kb / 14P
DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
DS96F173MQML TI1-DS96F173MQML Datasheet
467Kb / 14P
DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
DS96F174MQML TI-DS96F174MQML_15 Datasheet
445Kb / 14P
DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
DS16F95QML TI1-DS16F95QML_16 Datasheet
520Kb / 19P
EIA-485/EIA-422A Differential Bus Transceiver
DS16F95 TI1-DS16F95_16 Datasheet
309Kb / 16P
DS16F95, DS36F95 EIA-485/EIA-422A Differential Bus Transceiver
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
EIA-485/EIA-422 Quad Differential Drivers
DS96F173MQML TI1-DS96F173MQML_13 Datasheet
445Kb / 14P
DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com