Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPC-2012 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # TPC-2012
Description  12.1 in. SVGA TFT LCD touch screen with 800 x 600 resolution
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

TPC-2012 Datasheet(HTML) 1 Page - National Instruments Corporation

  TPC-2012 Datasheet HTML 1Page - National Instruments Corporation TPC-2012 Datasheet HTML 2Page - National Instruments Corporation TPC-2012 Datasheet HTML 3Page - National Instruments Corporation TPC-2012 Datasheet HTML 4Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Industrial Windows CE Touch Panel Computer
Overview
The National Instruments TPC-2012 touch panel computer features a 12.1 in.
high-quality SVGA LCD touch screen with 800 x 600 resolution. The
NI TPC-2012 offers a 500 MHz AMD GX3 processor and 256 MB DDR
SDRAM, providing a powerful processor for human machine interface
(HMI) graphics and shared variable communication. The system comes
with Windows CE installed on a 128 MB CompactFlash storage card.
The built-in 10/100 Ethernet port offers TCP/IP and Modbus TCP/IP
communication using NI LabVIEW shared variables, TCP/IP VIs, or the
Modbus LabVIEW library. The two USB ports provide connectivity for
external memory, keyboard, and mouse.
LabVIEW for HMI Development
The TPC-2012 works with the LabVIEW Touch Panel Module and
includes one Touch Panel Deployment license. LabVIEW offers an
integrated graphical development environment for creating embedded
programs for real-time hardware using the LabVIEW Real-Time
Module. Or you can download code directly to FPGAs using the
LabVIEW FPGA Module and then easily add an on-machine or local HMI
with the LabVIEW Touch Panel Module and a Windows CE touch panel
computer. You can easily add Windows CE targets such as the TPC-2012
and
TPC-2006 to a LabVIEW Project, create host-shared variables on any
LabVIEW Real-Time target, and drag them from the LabVIEW Project
to the HMI application.
Software Configuration Utilities
The TPC-2012 runs the Windows CE.NET OS and comes with configuration
and remote access utilities installed. These utilities include an IP address
configurator, configuration for FTP and other utilities over a Web server,
and Remote Display, which works in conjunction with the Windows CE
Remote Display Host application, so you can remotely control the TPC-2012
from a host PC STE.
• 12.1 in. SVGA TFT LCD touch screen
with 800 x 600 resolution
• GX3 LX800 500 MHz
• 256 MB DDR SDRAM memory and
128 MB CompactFlash storage
• Communication ports
• 2 Hi-Speed USB
• 1 Ethernet (10/100BaseT)
• 3 RS232
• 1 RS232/485
• Keyboard/mouse PS2
• NEMA4/IP65-compliant front panel
Software
• Windows CE.NET 5.0 installed on
128 MB CompactFlash
• LabVIEW Touch Panel Module certified,
with one Touch Panel Deployment License
NI TPC-2012
Figure 1. TPC-2012 Connectivity
Figure 2. TPC-2012 Dimensions (mm)
a. CPU card cover
b. 2.5 in. HDD
c. PCI-104 slot
d. CompactFlash slot
e. Parallel port
f. Serial ports
g. Ethernet port
h. USB ports
i. Power switch
j. PS/2 ports


Similar Part No. - TPC-2012

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
TPC-20 COOPER-TPC-20 Datasheet
361Kb / 7P
Telpower Compact Fused Disconnect Switch
logo
Toppower Electronic Tec...
TPC-200-12S TOPPOWER-TPC-200-12S Datasheet
537Kb / 4P
200W Wide input AC/DC switching power supply
TPC-200-24S TOPPOWER-TPC-200-24S Datasheet
537Kb / 4P
200W Wide input AC/DC switching power supply
TPC-200-48S TOPPOWER-TPC-200-48S Datasheet
537Kb / 4P
200W Wide input AC/DC switching power supply
TPC-200-XS TOPPOWER-TPC-200-XS Datasheet
537Kb / 4P
200W Wide input AC/DC switching power supply
More results

Similar Description - TPC-2012

ManufacturerPart #DatasheetDescription
logo
LG Semicon Co.,Ltd.
LB121S03 LG-LB121S03 Datasheet
396Kb / 23P
12.1??SVGA TFT LCD
logo
Advantech Co., Ltd.
TPC-1261H ADVANTECH-TPC-1261H Datasheet
395Kb / 2P
12.1 SVGA TFT LCD Geode??LX800 Touch Panel Computer
logo
National Instruments Co...
TPC-2512 NI-TPC-2512 Datasheet
381Kb / 4P
12.1 in. SVGA TFT color LCD touch screen/500 MHz AMD LX800 processor
logo
Hantronix,Inc
HDA1040S-G HANTRONIX-HDA1040S-G Datasheet
2Mb / 21P
10.4?? TFT SVGA (800 X 600) COLOR LCD DISPLAY MODULE
logo
AAEON Technology
AMB-2023-E AAEON-AMB-2023-E Datasheet
782Kb / 2P
12.1" TFT SVGA (800 x 600) LCD
APC-8122 AAEON-APC-8122 Datasheet
326Kb / 2P
12.1??TFT SVGA (800 x 600) LCD
AWK-3201 AAEON-AWK-3201 Datasheet
661Kb / 2P
12.1??SVGA (800 x 600) Color TFT LCD
OPD-212A AAEON-OPD-212A Datasheet
257Kb / 2P
12.1??TFT SVGA LCD
PC3200 AAEON-PC3200 Datasheet
2Mb / 2P
12.1 TFT SVGA (800 x 600) LCD
logo
Schneider Electric
HMIGTO6310 SCHNEIDER-HMIGTO6310 Datasheet
140Kb / 8P
advanced touchscreen panel 800 x 600 pixels SVGA- 12.1" TFT - 96 MB
18-Aug-2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com