Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPC-2012 Datasheet(PDF) 3 Page - National Instruments Corporation

Part # TPC-2012
Description  12.1 in. SVGA TFT LCD touch screen with 800 x 600 resolution
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

TPC-2012 Datasheet(HTML) 3 Page - National Instruments Corporation

  TPC-2012 Datasheet HTML 1Page - National Instruments Corporation TPC-2012 Datasheet HTML 2Page - National Instruments Corporation TPC-2012 Datasheet HTML 3Page - National Instruments Corporation TPC-2012 Datasheet HTML 4Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Industrial Windows CE Touch Panel Computer
3
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)
Specifications
System Components
Processor.............................................
500 MHz GX3 LX800
Memory ...............................................
256 MB DDR SDRAM
Storage................................................
128 MB CompactFlash
I/O ports
10/100BaseT Ethernet....................
1
Hi-Speed USB .................................
2
RS232..............................................
3
RS485..............................................
1
PS/2 keyboard/mouse ....................
1
OS
....................................................
Windows CE.NET 5.0
Display
Description ..........................................
SVGA TFT LCD
Resolution ...........................................
800 x 600
Size ....................................................
12.1 in.
Viewing angle .....................................
100 deg
Luminance ...........................................
340 (cd/m2)
Max colors ..........................................
256 K
Backlight life .......................................
50,000 h
Touch screen .......................................
8-wire, analog resistive
Touch screen lifespan .........................
1 million touches at single point
MTBF ...................................................
47,492 h (Belcore)
Power Requirement
18 to 32 VDC .......................................
60 W peak
Physical
Dimensions (h x w x d)........................
311 by 237 by 50 mm
(12.24 by 9.33 by 1.97 in.)
Mounting.............................................
Panel (standard)
Weight.................................................
2.2 kg (4.84 lb)
Environmental
Ingress protection ...............................
Front panel NEMA4/IP65
Operating temperature .......................
0 to 50 °C (32 to 122 °F)
Storage temperature...........................
-20 to 70 °C (-4 to 122 °F)
Relative humidity ................................
10 to 95% @ 40 °C
(noncondensing)
Vibration, operating ............................
2 grms
Altitude................................................
2000 m
Safety and EMC/EMI Compliance
EMC/EMI.............................................
CE, FCC Part 15 Class A
Ratings ................................................
NEMA Type 4, IP65
Safety ..................................................
UL, BEMI, CCC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com