Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPC-2012 Datasheet(PDF) 2 Page - National Instruments Corporation

Part # TPC-2012
Description  12.1 in. SVGA TFT LCD touch screen with 800 x 600 resolution
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

TPC-2012 Datasheet(HTML) 2 Page - National Instruments Corporation

  TPC-2012 Datasheet HTML 1Page - National Instruments Corporation TPC-2012 Datasheet HTML 2Page - National Instruments Corporation TPC-2012 Datasheet HTML 3Page - National Instruments Corporation TPC-2012 Datasheet HTML 4Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Typical System Configurations
Communication Options with LabVIEW
With the LabVIEW Touch Panel Module, you have several options for
communication between the TPC-2012 STE and NI programmable
automation controllers (PACs) and third-party PLCs including:
• Shared variables over Ethernet
• Native LabVIEW TCP/IP, serial, SMTP, or UDP
• Modbus TCP/IP or Modbus ASCII over Ethernet or serial
With this wide range of communication options, you can select the best
method for your application. The LabVIEW shared variable offers the
easiest solution for communication over Ethernet and shortens
development time so you can build a quick and powerful user interface.
For more advanced programming requirements, use the native LabVIEW
TCP/IP or UDP VIs to develop more refined Ethernet-based communication
or add e-mailing capabilities with built-in LabVIEW SMTP e-mail VIs.
Connect to external serial devices using one of the four RS232 ports.
For connectivity to Modbus PLCs or RTU controllers, use the LabVIEW
Modbus Library to easily communicate between a touch panel computer
and a PLC through the industry-standard Modbus protocol over Ethernet
or serial.
Industrial Windows CE Touch Panel Computer
2
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)
Figure 3. Shared-Variable Communication between NI PACs and a Touch Panel Computer
Figure 5. Modbus TCP/IP or ASCII Communication between a Touch Panel Computer and
PLCs, RTU, or Modbus I/O
Figure 4. Standard TCP/IP Communication with Native LabVIEW TCP/IP VIs
Ordering Information
NI TPC-2012 ..........................................................................779861-01
Includes one Touch Panel Deployment License.
Related Products
NI TPC-20061..........................................................................779561-01
NI PS-5 Power Supply2 ..........................................................778805-90
NI LabVIEW Touch Panel Module ......................................779708A-09
1
Includes one Touch Panel Deployment License.
2
The PS-5 is recommended; the TPC-2012 requires 60 W.
BUY NOW!
For complete product specifications, pricing, and accessory
information, call 800 813 3693 (U.S.) or go to ni.com/hmi.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com