Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-6501 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # USB-6501
Description  Small, portable digital I/O device/24 digital I/O lines, one 32-bit counter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

USB-6501 Datasheet(HTML) 1 Page - National Instruments Corporation

  USB-6501 Datasheet HTML 1Page - National Instruments Corporation USB-6501 Datasheet HTML 2Page - National Instruments Corporation USB-6501 Datasheet HTML 3Page - National Instruments Corporation USB-6501 Datasheet HTML 4Page - National Instruments Corporation USB-6501 Datasheet HTML 5Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Low-Cost Digital I/O Device for USB
Overview
The National Instruments USB-6501 is a portable digital I/O device,
providing reliable data acquisition and control at a low price. With
plug-and-play USB connectivity, the NI USB-6501 is simple enough
for home/academic applications but robust and versatile enough for
laboratory/industrial applications. The board-only version is ideal
for embedded OEM applications.
Hardware
The USB-6501 is a full-speed USB device that provides 24 DIO lines and
a 32-bit counter. The 24 digital lines are arranged in three ports: P0.<0..7>,
P1.<0..7>, and P2.<0..7>. P2.7 can also function as a 32-bit counter. You
can individually program each of the USB-6501 DIO lines as a DI or DO
line and use the DIO lines to monitor or control digital signals. All
samples of the DI lines and updates of the DO lines are software-timed.
The default configuration of the USB-6501 DIO ports is open-drain, for
5 V operation with an onboard 4.7 kΩ pull-up resistor. You can add an
external, user-provided, pull-up resistor to increase the source current
drive up to 8.5 mA per line.
Each DIO signal is protected against overvoltage, undervoltage, and
overcurrent conditions, as well as ESD events. At system startup and
reset, the hardware sets all DIO lines to high-impedance inputs.
Product
Bus
Digital I/O
Lines
Counter/
Timers
Current
Drive
Logic Level
Industrial
Feature Set
NI 6501
USB
24
1
8.5 mA
5 V TTL /
CMOS
–
Table 1. USB-6501 Features
• Small, portable digital I/O device
• 24 digital I/O lines, one 32-bit counter
• Overvoltage protection, 8.5 mA
current drive
• Full-speed USB (12 Mb/s) bus interface
• Built-in screw terminals with removable
connectors for easier connectivity
• OEM version available with 34-pin IDC
mass termination connectivity
Operating Systems
• Windows Vista/XP/2000
• Mac OS X1
• Linux®1
Recommended Software
• LabVIEW
• LabWindows™/CVI
Measurement Services
Software (included)
• NI-DAQmx driver software
• Measurement & Automation Explorer
configuration utility
1Mac OS X and Linux users need to download
NI-DAQmx Base.
NI USB-6501
Terminal
Signal
1
GND
2
+5 V
3
P1.7
4
P1.6
5
P1.5
6
P1.4
7
GND
8
GND
9
P2.7
10
P2.6
11
P2.5
12
P2.4
13
P2.3
14
P2.2
15
P2.1
16
P2.0
Terminal
Signal
17
P0.0
18
P0.1
19
P0.2
20
P0.3
21
P0.4
22
P0.5
23
P0.6
24
P0.7
25
GND
26
GND
27
P1.0
28
P1.1
29
P1.2
30
P1.3
31
+5 V
32
GND
Figure 1. USB-6501 Pinout


Similar Part No. - USB-6501

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
USB-6509 NI-USB-6509 Datasheet
393Kb / 6P
Portable digital I/O device / 96 bidirectional I/O channels
More results

Similar Description - USB-6501

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCIB40 ETC2-PCIB40 Datasheet
287Kb / 16P
40-Ch Digital I/O & Counter Board
logo
Advantech Co., Ltd.
PCI-1751U ADVANTECH-PCI-1751U Datasheet
193Kb / 1P
48-bit Universal Digital I/O and Counter Card
logo
National Instruments Co...
USB-6509 NI-USB-6509 Datasheet
393Kb / 6P
Portable digital I/O device / 96 bidirectional I/O channels
USB-6525 NI-USB-6525 Datasheet
669Kb / 5P
Small, portable digital I/O device / Eight channel-to-channel optically isolated inputs
777810-01 NI-777810-01 Datasheet
382Kb / 9P
48-Bit Isolated Digital I/O
logo
Advantech Co., Ltd.
PCM-27D24DI-AE ADVANTECH-PCM-27D24DI-AE Datasheet
312Kb / 1P
24-Channel Isolated Digital I/O w/ counter mPCIe, DB37
logo
List of Unclassifed Man...
ND-6050 ETC2-ND-6050 Datasheet
219Kb / 1P
Digital I/O Module
logo
Keysight Technologies
L4450A KEYSIGHT-L4450A Datasheet
1Mb / 11P
64-Bit Digital I/O with Memory and Counter
logo
Advantech Co., Ltd.
AIIS-1750 ADVANTECH-AIIS-1750 Datasheet
308Kb / 1P
32-ch Isolated Digital I/O Card
4-Oct-2018
PCM-27D24DI ADVANTECH-PCM-27D24DI Datasheet
305Kb / 1P
24-Channel Isolated Digital I/O w/ Counter mPCIe, DB37
27-Jun-2018
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com