Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-6501 Datasheet(PDF) 3 Page - National Instruments Corporation

Part # USB-6501
Description  Small, portable digital I/O device/24 digital I/O lines, one 32-bit counter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

USB-6501 Datasheet(HTML) 3 Page - National Instruments Corporation

  USB-6501 Datasheet HTML 1Page - National Instruments Corporation USB-6501 Datasheet HTML 2Page - National Instruments Corporation USB-6501 Datasheet HTML 3Page - National Instruments Corporation USB-6501 Datasheet HTML 4Page - National Instruments Corporation USB-6501 Datasheet HTML 5Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Specifications
The following specifications are typical at 25 °C, unless otherwise noted.
Digital I/O
Number of lines
P0.<0..7>..............................................
8
P1.<0..7>..............................................
8
P2.<0..7>..............................................
8
Direction control .................................
Input or output,
software-selectable
Output driver type ...............................
Push-pull or open-drain,
software-selectable
Pull-up resistor ....................................
4.7 kΩ
Absolute voltage range.......................
-0.5 to 5.8 V with respect
to GND
Power-on state....................................
Input (high impedance)
Digital logic levels
Counter
Number of counters ............................
1 (P2.7 can be configured
as the counter)
Resolution ...........................................
32 bits
Counter measurements.......................
Falling edge counting
Maximum input frequency..................
5 MHz
Minimum high pulse width.................
100 ns
Minimum low pulse width..................
100 ns
Bus Interface
USB specification ................................
USB full-speed (12 Mb/s)
External Voltage
+5 V output
Voltage............................................
4.00 V min, 5.25 V max
Current ............................................
230 mA max
Power Requirements
USB
4.5 to 5.25 VDC...............................
80 mA typical, 500 mA max
USB Suspend ..................................
500 µA max, all DIO
lines disconnected
Physical Characteristics
Dimensions
Without connectors ........................
6.35 by 8.51 by 2.31 cm
(2.50 by 3.35 by 0.91 in.)
With connectors .............................
8.18 by 8.51 by 2.31 cm
(3.22 by 3.35 by 0.91 in.)
I/O connectors.....................................
USB series B receptacle,
(2) 16 position (screw-terminal)
plug headers
Screw-terminal wiring ........................
16 to 28 AWG copper conductor
wire with 10 mm (0.39 in.) of
insulation stripped from the end
Torque for screw terminals.................
0.22 to 0.25 N · m
(2.0 to 2.2 lb · in.)
Weight.................................................
84 g (3 oz)
Safety Standards
The USB-6501 is designed to meet the requirements of the following
standards of safety for electrical equipment for measurement, control,
and laboratory use:
• IEC 61010-1, EN 61010-1
• UL 61010-1
• CSA 61010-1
Note: For UL and other safety certifications, refer to the product label, or
visit ni.com/certification, search by model number or product line, and
click the appropriate link in the Certification column.
Overvoltage Protection
Connect only voltages that are within these limits.
Channel-to-COM (one channel) ..........
±30 V max, Measurement
Category I
Channel-to-COM
(one port, all channels) .......................
±8.9 V max, Measurement
Category I
Measurement Category I is for measurements performed on circuits not
directly connected to the electrical distribution system referred to as
MAINS voltage. MAINS is a hazardous live electrical supply system that
powers equipment. This category is for measurements of voltages from
specially protected secondary circuits. Such voltage measurements
include signal levels, special equipment, limited-energy parts of
equipment, circuits powered by regulated low-voltage sources, and
electronics. Caution: Do not use this module for connection to signals or
for measurements within Measurement Categories II, III, or IV.
Hazardous Locations
The USB-6501 is not certified for use in hazardous locations.
Environmental
The USB-6501 device is intended for indoor use only.
Operating temperature
(IEC 60068-2-1 and IEC 60068-2-2).....
0 to 55 °C
Operating humidity
(IEC 60068-2-56) .............................
10 to 90% RH, noncondensing
Maximum altitude...............................
2,000 m (at 25 °C ambient
temperature)
Storage temperature
(IEC 60068-2-1 and IEC 60068-2-2)...
-40 to 85 °C
Storage relative humidity
(IEC 60068-2-56) .............................
5 to 90%, noncondensing
Pollution degree (IEC 60664) ..............
2
Low-Cost Digital I/O Device for USB
3
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)
Level
Min
Max
Units
Input low voltage
-0.3
0.8
V
Input high voltage
2.0
5.8
V
Input leakage current
–
50
µA
Output low voltage (I = 2 mA)
–
0.4
V
Output low voltage (I = 8.5 mA)
–
0.8
V
Output high voltage
Push-pull, I = -2 mA
2.8
3.6
V
Push-pull, I = -8.5 mA
2.0
3.5
V
Open-drain, I = -0.4 mA, nominal
2.0
5.0
V
Open-drain, I = -7.5 mA, with external pull-up resistor
2.0
–
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com