Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-6501 Datasheet(PDF) 2 Page - National Instruments Corporation

Part # USB-6501
Description  Small, portable digital I/O device/24 digital I/O lines, one 32-bit counter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

USB-6501 Datasheet(HTML) 2 Page - National Instruments Corporation

  USB-6501 Datasheet HTML 1Page - National Instruments Corporation USB-6501 Datasheet HTML 2Page - National Instruments Corporation USB-6501 Datasheet HTML 3Page - National Instruments Corporation USB-6501 Datasheet HTML 4Page - National Instruments Corporation USB-6501 Datasheet HTML 5Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
The data acquisition device does not drive the signal high or low. Each
line has a weak pull-up resistor connected to it.
You can configure P2.7 as the source for a 32-bit counter. In this
mode, the device counts high to low transitions (falling edges) on
P2.7. You can arm and disarm the counter and read or reset the count
through software.
The USB-6501 supplies a nominal 5 V from two pins, one on each
screw-terminal block. You can use the voltage source, which is provided
by the USB host, to power external components. The USB-6501 features
current limiting short circuit protection for safe USB host power use.
Software
The USB-6501 is shipped with NI-DAQmx measurement services
software, a high-performance multithreaded driver for interactive
configuration and data acquisition. Use it to develop customized data
acquisition applications with NI LabVIEW or C-based development
environments. Examples include an interactive control panel to help
you get started with your application quickly.
Recommended Accessories
The USB-6501 has built-in screw terminals for connectivity; no additional
accessories are required.
Board-Only Version for OEMs
A board-only version of the USB-6501 is available to OEMs for use in
embedded applications. The OEM version offers a 34-pin IDC ribbon
cable header for mass termination instead of screw-terminal
connectivity. You can mount the OEM version using standoffs (not
included in kit) with your own enclosure. For information on special
configurations and pricing, visit ni.com/oem.
Low-Cost Digital I/O Device for USB
2
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)
Figure 3. Interactive Control Panel Example Program Shipped with the USB-6501
I/O Connector
GND
Switch
TTL Signal
+5 V
+5 V
LED
LED
1
2
3
4
P0.0
P0.1
P0.2
P0.3
P0.4
P0.5
P0.6
P0.7
1. P0.0 configured as an open-drain digital output driving an LED
2. P0.2 configured as a push-pull digital output driving an LED
3. P0.4 configured as a digital input receiving a TTL signal from a gated inverter
4. P0.7 configured as a digital input receiving a 0 V or 5 V signal from a switch
Figure 2. Example of Connecting a Load
Ordering Information
NI USB-6501 ..........................................................................779205-01
Includes NI-DAQmx Base software and a USB cable.
NI USB-6501 hardware only (for OEM) ................................192317-50
BUY NOW!
For complete product specifications, pricing, and accessory
information, call 800 813 3693 (U.S.) or go to ni.com/daq.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com