Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90438LPF Datasheet(PDF) 45 Page - fujitsu semiconductor

Part # MB90438LPF
Description  16-bit Proprietary Microcontroller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90438LPF Datasheet(HTML) 45 Page - fujitsu semiconductor

Back Button MB90438LPF Datasheet HTML 41Page - fujitsu semiconductor MB90438LPF Datasheet HTML 42Page - fujitsu semiconductor MB90438LPF Datasheet HTML 43Page - fujitsu semiconductor MB90438LPF Datasheet HTML 44Page - fujitsu semiconductor MB90438LPF Datasheet HTML 45Page - fujitsu semiconductor MB90438LPF Datasheet HTML 46Page - fujitsu semiconductor MB90438LPF Datasheet HTML 47Page - fujitsu semiconductor MB90438LPF Datasheet HTML 48Page - fujitsu semiconductor MB90438LPF Datasheet HTML 49Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
MB90435 Series
DS07-13727-2E
45
(10) Timer Input Timing
(MB90F438L (S) /437L (S) /438L (S) : VCC
= 3.5 V to 5.5 V, VSS = AVSS = 0.0 V, TA = −40 °C to +105 °C)
(MB90F439 (S) /439 (S) /V540G : VCC
= 5.0 V ± 10%, VSS = AVSS = 0.0 V, TA = −40 °C to +105 °C)
(11) Timer Output Timing
(MB90F438L (S) /437L (S) /438L (S) : VCC
= 3.5 V to 5.5 V, VSS = AVSS = 0.0 V, TA = −40 °C to +105 °C)
(MB90F439 (S) /439 (S) /V540G : VCC
= 5.0 V ± 10%, VSS = AVSS = 0.0 V, TA = −40 °C to +105 °C)
Parameter
Symbol
Pin name
Condition
Value
Units
Remarks
Min
Max
Input pulse width
tTIWH
TIN0, TIN1
⎯
4 tCP
⎯
ns
tTIWL
IN0 to IN7
Parameter
Symbol
Pin name
Condition
Value
Units
Remarks
Min
Max
CLK
↑→TOUT change time
tTO
TOT0 to TOT1,
PPG0 to PPG3
⎯
30
⎯
ns
0.8 VCC
0.8 VCC
0.2 VCC
0.2 VCC
tTIWH
tTIWL
• Timer Input Timing
CLK
TOUT
2.4 V
tTO
2.4 V
0.8 V
• Timer Output Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com