Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90438LPF Datasheet(PDF) 49 Page - fujitsu semiconductor

Part # MB90438LPF
Description  16-bit Proprietary Microcontroller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90438LPF Datasheet(HTML) 49 Page - fujitsu semiconductor

Back Button MB90438LPF Datasheet HTML 45Page - fujitsu semiconductor MB90438LPF Datasheet HTML 46Page - fujitsu semiconductor MB90438LPF Datasheet HTML 47Page - fujitsu semiconductor MB90438LPF Datasheet HTML 48Page - fujitsu semiconductor MB90438LPF Datasheet HTML 49Page - fujitsu semiconductor MB90438LPF Datasheet HTML 50Page - fujitsu semiconductor MB90438LPF Datasheet HTML 51Page - fujitsu semiconductor MB90438LPF Datasheet HTML 52Page - fujitsu semiconductor MB90438LPF Datasheet HTML 53Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
MB90435 Series
DS07-13727-2E
49
(Continued)
• Notes on Using A/D Converter
Select the output impedance value for the external circuit of analog input according to the following conditions, :
• Output impedance values of the external circuit of 15 k
Ω or lower are recommended.
• When capacitors are connected to external pins, the capacitance of several thousand times the internal
capacitor value is recommended to minimized the effect of voltage distribution between the external capacitor
and internal capacitor.
Note : When the output impedance of the external circuit is too high, the sampling period for analog voltages may
not be sufficient (sampling period
= 4.00 µs @machine clock of 16 MHz) .
•Error
The smaller the | AVRH
− AVRL |, the greater the error would become relatively.
3FF
3FE
3FD
004
003
002
001
AVRL
AVRH
AVRL
AVRH
N
+ 1
N
N
− 1
N
− 2
VNT
VNT
V (N + 1) T
VOT
VFST
{1 LSB
× (N − 1) + VOT }
Linearity error
Differential linearity error
Analog input
Analog input
Actual conversion
value
(measured value)
Actual conversion
characteristics
Theoretical
characteristics
(measured value)
Theorential characteristics
Actual conversion value
(measured value)
(measured value)
Acturel conversion
value
Linearity error of
digital output N
[LSB]
VNT
− {1 LSB × (N − 1) + VOT}
1 LSB
[V]
VFST
− VOT
1022
1 LSB
− 1 LSB [LSB]
V (N
+ 1) T − VNT
1 LSB
Differential linearity error
of digital N
VOT : Voltage at transition of digital output from “000H” to “001H”
VFST : Voltage at transition of digital output from “3FEH” to “3FFH”
=
=
=
3.2 k
Ω Max.
30 pF Max.
Analog input
Comparator
• Equipment of analog input circuit model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com