Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90438LPF Datasheet(PDF) 21 Page - fujitsu semiconductor

Part # MB90438LPF
Description  16-bit Proprietary Microcontroller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90438LPF Datasheet(HTML) 21 Page - fujitsu semiconductor

Back Button MB90438LPF Datasheet HTML 17Page - fujitsu semiconductor MB90438LPF Datasheet HTML 18Page - fujitsu semiconductor MB90438LPF Datasheet HTML 19Page - fujitsu semiconductor MB90438LPF Datasheet HTML 20Page - fujitsu semiconductor MB90438LPF Datasheet HTML 21Page - fujitsu semiconductor MB90438LPF Datasheet HTML 22Page - fujitsu semiconductor MB90438LPF Datasheet HTML 23Page - fujitsu semiconductor MB90438LPF Datasheet HTML 24Page - fujitsu semiconductor MB90438LPF Datasheet HTML 25Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
MB90435 Series
DS07-13727-2E
21
(Continued)
Address
Register
Abbreviation
Access
Resource name
Initial value
24H
Serial mode register 1
SMR1
R/W
UART1
0 0 0 0 0 0 0 0B
25H
Serial control register 1
SCR1
R/W
0 0 0 0 0 1 0 0B
26H
Serial input data register 1/
Serial output data register 1
SIDR1/
SODR1
R/W
XXXXXXXXB
27H
Serial status register 1
SSR1
R/W
0 0 0 0 1_0 0B
28H
UART1 prescaler control register
U1CDCR
R/W
0_ _ _1 1 1 1B
29H
Serial Edge select register
SES1
R/W
_ _ _ _ _ _ _0B
2AH
Prohibited
2BH
Serial I/O prescaler
SCDCR
R/W
Extended I/O
Serial Interface
0_ _ _1 1 1 1B
2CH
Serial mode control register
SMCS
R/W
_ _ _ _0 0 0 0B
2DH
Serial mode control register
SMCS
R/W
0 0 0 0 0 0 1 0B
2EH
Serial data register
SDR
R/W
XXXXXXXXB
2FH
Serial Edge select register
SES2
R/W
_ _ _ _ _ _ _0B
30H
External interrupt enable register
ENIR
R/W
External Interrupt
0 0 0 0 0 0 0 0B
31H
External interrupt request register
EIRR
R/W
XXXXXXXXB
32H
External interrupt level register
ELVR
R/W
0 0 0 0 0 0 0 0B
33H
External interrupt level register
ELVR
R/W
0 0 0 0 0 0 0 0B
34H
A/D control status register 0
ADCS0
R/W
A/D Converter
0 0 0 0 0 0 0 0B
35H
A/D control status register 1
ADCS1
R/W
0 0 0 0 0 0 0 0B
36H
A/D data register 0
ADCR0
R
XXXXXXXXB
37H
A/D data register 1
ADCR1
R/W
0 0 0 0 1 _ XXB
38H
PPG0 operation mode control register
PPGC0
R/W
16-bit Programmable
Pulse
Generator 0/1
0 _ 0 0 0 _ _ 1B
39H
PPG1 operation mode control register
PPGC1
R/W
0 _ 0 0 0 0 0 1B
3AH
PPG0/1 clock selection register
PPG01
R/W
0 0 0 0 0 0 _ _B
3BH
Prohibited
3CH
PPG2 operation mode control register
PPGC2
R/W
16-bit Programmable
Pulse
Generator 2/3
0 _ 0 0 0 _ _1B
3DH
PPG3 operation mode control register
PPGC3
R/W
0 _ 0 0 0 0 0 1B
3EH
PPG2/3 Clock Selection Register
PPG23
R/W
0 0 0 0 0 0 _ _B
3FH
Prohibited
40H
PPG4 operation mode control register
PPGC4
R/W
16-bit Programmable
Pulse
Generator 4/5
0 _ 0 0 0 _ _ 1B
41H
PPG5 operation mode control register
PPGC5
R/W
0 _ 0 0 0 0 0 1B
42H
PPG4/5 clock selection register
PPG45
R/W
0 0 0 0 0 0 _ _B
43H
Prohibited
44H
PPG6 operation mode control register
PPGC6
R/W
16-bit Programmable
Pulse
Generator 6/7
0 _ 0 0 0 _ _ 1B
45H
PPG7 operation mode control register
PPGC7
R/W
0 _ 0 0 0 0 0 1B
46H
PPG6/7 clock selection register
PPG67
R/W
0 0 0 0 0 0 _ _B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com