Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90F474LPFV Datasheet(PDF) 84 Page - fujitsu semiconductor

Part # MB90F474LPFV
Description  16-Bit Proprietary Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F474LPFV Datasheet(HTML) 84 Page - fujitsu semiconductor

Back Button MB90F474LPFV Datasheet HTML 80Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 81Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 82Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 83Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 84Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 85Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 86Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 87Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 88Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 118 page
background image
MB90470 Series
84
2.
Recommended Operating Conditions
(VSS
= AVSS = 0.0 V)
* : Pay attention to operating frequency.
Note : When using I2C functions, the voltage should be at least 2.4 V.
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device’s electrical characteristics are warranted when the device is
operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation
outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representatives beforehand.
Parameter
Symbol
Value
Unit
Remarks
Min
Max
Supply voltage
VCC3*
1.8
3.6
V
MASK version
2.4
3.6
V
Low voltage FLASH version
3.0
3.6
V
High speed FLASH version
VCC5*
1.8
5.5
V
MASK version
2.4
5.5
V
Low voltage FLASH version
3.0
5.5
V
High speed FLASH version
VCC3
1.8
3.6
V
Hold stop status
VCC5
1.8
5.5
V
Hold stop status
(MASK version)
1.8
5.5
V
Hold stop status
(FLASH version)
“H” level input voltage
VIH
0.7 VCC
VCC
+ 0.3
V
All pins other than VHIS, VIHM
pins
VIHS
0.8 VCC
VCC
+ 0.3
V
Hysteresis input pins
VIHM
VCC
− 0.3
VCC
+ 0.3
V
MD pin input
“L” level input voltage
VIL
VSS
− 0.3
0.3 VCC
V
All pins other than VILS, VILM
pins
VILS
VSS
− 0.3
0.2 VCC
V
Hysteresis input pins
VILM
VSS
− 0.3
VSS
+ 0.3
V
MD pin input
Operating temperature
TA
− 40
+ 85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com