Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90F474LPFV Datasheet(PDF) 11 Page - fujitsu semiconductor

Part # MB90F474LPFV
Description  16-Bit Proprietary Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F474LPFV Datasheet(HTML) 11 Page - fujitsu semiconductor

Back Button MB90F474LPFV Datasheet HTML 7Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 8Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 9Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 10Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 11Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 12Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 13Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 14Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 15Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 118 page
background image
MB90470 Series
11
(Continued)
LQFP : FPT-100P-M05 package
QFP : FPT-100P-M06 package
Pin no.
Pin name
Circuit
type
Description
LQFP
QFP
72
74
P54
D
(CMOS)
General purpose input/output port. In external bus mode, this
pin functions as the HRQ pin when the HDE bit in the EPCR
register is set to “1”.
HRQ
In external bus mode, this pin functions as the hold request
input (HRQ) pin. When the HDE bit in the EPCR register is set
to “0”,this pin functions as a general purpose input/output port.
73
75
P55
D
(CMOS)
General purpose input/output port. In external bus mode, this
pin functions as the HAK pin when the HDE bit in the EPCR
register is set to “1”.
HAK
In external bus mode, this pin functions as the hold acknowl-
edge output (HAK) pin. When the HDE bit in the EPCR register
is set to “0”,this pin functions as a general purpose input/output
port.
74
76
P56
D
(CMOS)
General purpose input/output port. In external bus mode, this
pin functions as the DRY pin when the RYE bit in the EPCR
register is set to “1”.
RDY
In external bus mode, this pin functions as the external ready
input (RDY) pin. When the RYE bit in the EPCR register is set
to “0”,this pin functions as a general purpose input/output port.
76
78
P57
D
(CMOS)
General purpose input/output port. In external bus mode, this
pin functions as the CLK pin when the CKE bit in the EPCR
register is set to “1”.
CLK
In external bus mode, this pin functions as the machine cycle
clock output (CLK) pin. When the CKE bit in the EPCR register
is set to “0”,this pin functions as a general purpose input/output
port.
36 to 39 38 to 41
P60 to P63
H
(CMOS)
General purpose input/output ports.
AN0 to AN3
Analog input pins.
41 to 44 43 to 46
P64 to P67
H
(CMOS)
General purpose input/output ports.
AN4 to AN7
Analog input pins.
25
27
P70
G
(CMOS/H)
General purpose input/output port.
SIN0
UART data input pin.
26
28
P71
F
(CMOS)
General purpose input/output port.
SOT0
UART data output pin.
27
29
P72
G
(CMOS/H)
General purpose input/output port.
SCK0
UART clock input pin.
28
30
P73
G
(CMOS/H)
General purpose input/output port.
TIN0
16-bit reload timer event input pin.
29
31
P74
F
(CMOS)
General purpose input/output port.
TOT0
16-bit reload timer output pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com