Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90F474LPFV Datasheet(PDF) 91 Page - fujitsu semiconductor

Part # MB90F474LPFV
Description  16-Bit Proprietary Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F474LPFV Datasheet(HTML) 91 Page - fujitsu semiconductor

Back Button MB90F474LPFV Datasheet HTML 87Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 88Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 89Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 90Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 91Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 92Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 93Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 94Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 95Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 118 page
background image
MB90470 Series
91
(3) Reset Input Ratings
(VCC
= 2.7 V to 3.6 V, VSS = 0.0 V, TA = −40 °C to +85 °C)
* : Oscillator oscillation time is the time to reach 90
% amplitude. For a crystal oscillator, this is a few to several
dozen ms; for a FAR/ceramic oscillator, this is several hundred
µs to a few ms, and for an external clock this is 0 ms.
Note: tCP : See (1) Clock Timing Ratings.
Parameter
Symbol
Pin name
Conditions
Value
Unit
Remarks
Min
Max
Reset input time
tRSTL
RST
16 tCP
ns
In normal
operation
Oscillator oscillation
time*
+ 16 tCP
ms
In stop
mode
RST
X0
16 tcp
tRSTL
0.2 Vcc
0.2 Vcc
Internal
operation
clock
Internal
reset
90 % of
amplitude
Oscillator
oscillation time
Oscillator stabilization wait time
Execution of the instruction
• In stop mode
CL
Pin
• Measurement conditions for AC ratings
CL : Load capacitance applied to pin during testing
CLK, ALE, CL
= 30 pF
AD15 to AD00 (Address, data bus) , RD, WR,
A23 to A00/D15 to D00 : CL
= 80 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com