Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95430 Datasheet(PDF) 39 Page - fujitsu semiconductor

Part # MB95430
Description  8-bit Microcontrollers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95430 Datasheet(HTML) 39 Page - fujitsu semiconductor

Back Button MB95430 Datasheet HTML 35Page - fujitsu semiconductor MB95430 Datasheet HTML 36Page - fujitsu semiconductor MB95430 Datasheet HTML 37Page - fujitsu semiconductor MB95430 Datasheet HTML 38Page - fujitsu semiconductor MB95430 Datasheet HTML 39Page - fujitsu semiconductor MB95430 Datasheet HTML 40Page - fujitsu semiconductor MB95430 Datasheet HTML 41Page - fujitsu semiconductor MB95430 Datasheet HTML 42Page - fujitsu semiconductor MB95430 Datasheet HTML 43Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
MB95430H Series
DS07–12xxx–1E
39
(8) I2C Timing
(VCC = 5.0 V
±10%, AVSS = VSS = 0.0 V, TA = −40°C to +85°C)
*1: R represents the pull-up resistor of the SCL and SDA lines, and C the load capacitor of the SCL and SDA lines.
*2: The maximum tHD;DAT in the Standard-mode is applicable only when the time during which the device is holding
the SCL signal at “L” (tLOW) does not extend.
*3: A Fast-mode I2C-bus device can be used in a Standard-mode I2C-bus system, provided that the condition
of tSU;DAT
≥ 250ns is fulfilled.
(Continued)
Parameter
Symbol Pin name
Condition
Value
Unit
Standard-
mode
Fast-mode
MinMax
MinMax
SCL clock frequency
fSCL
SCL
R = 1.7 k
Ω,
C = 50 pF*1
01000400
kHz
(Repeated) START condition hold time
SDA
↓ → SCL ↓
tHD;STA
SCL, SDA
4.0
—
0.6
—
µs
SCL clock “L” width
tLOW
SCL
4.7
—
1.3
—
µs
SCL clock “H” width
tHIGH
SCL
4.0
—
0.6
—
µs
(Repeated) START condition hold time
SCL
↑ → SDA ↓
tSU;STA
SCL, SDA
4.7
—
0.6
—
µs
Data hold time
SCL
↓ → SDA ↓↑
tHD;DAT
SCL, SDA
0
3.45*2
00.9*3
µs
Data setup time
SDA
↓↑ → SCL ↑
tSU;DAT
SCL, SDA
0.25
—
0.1
—
µs
STOP condition setup time
SCL
↑ → SDA ↑
tSU;STO
SCL, SDA
4
—
0.6
—
µs
Bus free time between STOP condition
and START condition
tBUF
SCL, SDA
4.7
—
1.3
—
µs
SDA
SCL
tWAKEUP
tHD;STA
tSU;DAT
fSCL
tHD;STA
tSU;STA
tLOW
tHD;DAT
tHIGH
tSU;STO
tBUF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com