Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95430 Datasheet(PDF) 21 Page - fujitsu semiconductor

Part # MB95430
Description  8-bit Microcontrollers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95430 Datasheet(HTML) 21 Page - fujitsu semiconductor

Back Button MB95430 Datasheet HTML 17Page - fujitsu semiconductor MB95430 Datasheet HTML 18Page - fujitsu semiconductor MB95430 Datasheet HTML 19Page - fujitsu semiconductor MB95430 Datasheet HTML 20Page - fujitsu semiconductor MB95430 Datasheet HTML 21Page - fujitsu semiconductor MB95430 Datasheet HTML 22Page - fujitsu semiconductor MB95430 Datasheet HTML 23Page - fujitsu semiconductor MB95430 Datasheet HTML 24Page - fujitsu semiconductor MB95430 Datasheet HTML 25Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
MB95430H Series
DS07–12xxx–1E
21
(Continued)
Address
Register
abbreviation
Register name
R/W
Initial value
0F80H
WRARH0
Wild register address setting register (upper) ch. 0
R/W
00000000B
0F81H
WRARL0
Wild register address setting register (lower) ch. 0
R/W
00000000B
0F82H
WRDR0
Wild register data setting register ch. 0
R/W
00000000B
0F83H
WRARH1
Wild register address setting register (upper) ch. 1
R/W
00000000B
0F84H
WRARL1
Wild register address setting register (lower) ch. 1
R/W
00000000B
0F85H
WRDR1
Wild register data setting register ch. 1
R/W
00000000B
0F86H
WRARH2
Wild register address setting register (upper) ch. 2
R/W
00000000B
0F87H
WRARL2
Wild register address setting register (lower) ch. 2
R/W
00000000B
0F88H
WRDR2
Wild register data setting register ch. 2
R/W
00000000B
0F89H
WRARH3
Wild register address setting register (upper) ch. 3
R/W
00000000B
0F8AH
WRARL3
Wild register address setting register (lower) ch. 3
R/W
00000000B
0F8BH
WRDR3
Wild register data setting register ch. 3
R/W
00000000B
0F8CH
to
0F91H
—
(Disabled)
—
—
0F92H
T01CR0
8/16-bit composite timer 01 status control register 0 ch. 0
R/W
00000000B
0F93H
T00CR0
8/16-bit composite timer 00 status control register 0 ch. 0
R/W
00000000B
0F94H
T01DR
8/16-bit composite timer 01 data register ch. 0
R/W
00000000B
0F95H
T00DR
8/16-bit composite timer 00 data register ch. 0
R/W
00000000B
0F96H
TMCR0
8/16-bit composite timer 00/01 timer mode control register
ch. 0
R/W
00000000B
0F97H
to
0FA9H
—
(Disabled)
—
—
0FAAH
PDCRH0
16-bit PPG down counter register (upper) ch. 0
R/W
00000000B
0FABH
PDCRL0
16-bit PPG down counter register (lower) ch. 0
R/W
00000000B
0FACH
PCSRH0
16-bit PPG cycle setting buffer register (upper) ch. 0
R/W
11111111B
0FADH
PCSRL0
16-bit PPG cycle setting buffer register (lower) ch. 0
R/W
11111111B
0FAEH
PDUTH0
16-bit PPG duty setting buffer register (upper) ch. 0
R/W
11111111B
0FAFH
PDUTL0
16-bit PPG duty setting buffer register (lower) ch. 0
R/W
11111111B
0FB0H
to
0FBDH
—
(Disabled)
—
—
0FBEH
PSSR0
UART/SIO prescaler select register ch. 0
R/W
00000000B
0FBFH
BRSR0
UART/SIO baud rate setting register ch. 0
R/W
00000000B
0FC0H,
0FC1H
—
(Disabled)
—
—
0FC2H
AIDRH
A/D input disable register (upper)
R/W
00000000B
0FC3H
AIDRL
A/D input disable register (lower)
R/W
00000000B
0FC4H
to
0FE3H
—
(Disabled)
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com