Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95430 Datasheet(PDF) 49 Page - fujitsu semiconductor

Part # MB95430
Description  8-bit Microcontrollers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95430 Datasheet(HTML) 49 Page - fujitsu semiconductor

Back Button MB95430 Datasheet HTML 45Page - fujitsu semiconductor MB95430 Datasheet HTML 46Page - fujitsu semiconductor MB95430 Datasheet HTML 47Page - fujitsu semiconductor MB95430 Datasheet HTML 48Page - fujitsu semiconductor MB95430 Datasheet HTML 49Page - fujitsu semiconductor MB95430 Datasheet HTML 50Page - fujitsu semiconductor MB95430 Datasheet HTML 51Page - fujitsu semiconductor MB95430 Datasheet HTML 52Page - fujitsu semiconductor MB95430 Datasheet HTML 53Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
MB95430H Series
DS07–12xxx–1E
49
6.
Flash Memory Write/Erase Characteristics
*1: TA =
+25°C, VCC = 5.0 V, 100000 cycles
*2: TA =
+85°C, VCC = 3.0 V, 100000 cycles
*3: This value is converted from the result of a technology reliability assessment. (The value is converted from
the result of a high temperature accelerated test using the Arrhenius equation with the average temperature
being
+85°C).
Parameter
Value
Unit
Remarks
Min
Typ
Max
Sector erase time
(2 Kbyte sector)
—0.2*1
0.5*2
s
The time of writing 00H prior to
erasure is excluded.
Sector erase time
(16 Kbyte sector)
—0.5*1
7.5*2
s
The time of writing 00H prior to
erasure is excluded.
Byte writing time
—
21
6100*2
µs
System-level overhead is excluded.
Erase/write cycle
100000
—
—
cycle
Power supply voltage at erase/
write
3.0
—
5.5
V
Flash memory data retention
time
20*3
—
—
year Average TA =
+85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com