Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AHCT240D Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74AHCT240D
Description  Octal buffer/line driver; inverting; 3-state
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT240D Datasheet(HTML) 5 Page - NXP Semiconductors

  74AHCT240D Datasheet HTML 1Page - NXP Semiconductors 74AHCT240D Datasheet HTML 2Page - NXP Semiconductors 74AHCT240D Datasheet HTML 3Page - NXP Semiconductors 74AHCT240D Datasheet HTML 4Page - NXP Semiconductors 74AHCT240D Datasheet HTML 5Page - NXP Semiconductors 74AHCT240D Datasheet HTML 6Page - NXP Semiconductors 74AHCT240D Datasheet HTML 7Page - NXP Semiconductors 74AHCT240D Datasheet HTML 8Page - NXP Semiconductors 74AHCT240D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
74AHC_AHCT240
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 26 November 2010
5 of 16
NXP Semiconductors
74AHC240; 74AHCT240
Octal buffer/line driver; inverting; 3-state
II
input leakage
current
VI =5.5 V orGND;
VCC = 0 V to 5.5 V
-
-
0.1
-
1.0
-
2.0
A
IOZ
OFF-state
output current
VI =VIH or VIL;
VO =VCC or GND;
VCC =5.5 V
--
0.25
-
2.5
-
10.0
A
ICC
supply current VI =VCC or GND; IO = 0 A;
VCC =5.5 V
--
4.0
-
40
-
80
A
CI
input
capacitance
VI =VCC or GND
-
3
10
-
10
-
10
pF
CO
output
capacitance
-4
-
-
-
-
-
pF
74AHCT240
VIH
HIGH-level
input voltage
VCC = 4.5 V to 5.5 V
2.0
-
-
2.0
-
2.0
-
V
VIL
LOW-level
input voltage
VCC = 4.5 V to 5.5 V
-
-
0.8
-
0.8
-
0.8
V
VOH
HIGH-level
output voltage
VI = VIH or VIL; VCC = 4.5 V
IO = 50 A
4.4
4.5
-
4.4
-
4.4
-
V
IO = 8.0 mA
3.94
-
-
3.80
-
3.70
-
V
VOL
LOW-level
output voltage
VI = VIH or VIL; VCC = 4.5 V
IO = 50 A
-
0
0.1
-
0.1
-
0.1
V
IO = 8.0 mA
-
-
0.36
-
0.44
-
0.55
V
II
input leakage
current
VI =5.5 V orGND;
VCC = 0 V to 5.5 V
-
-
0.1
-
1.0
-
2.0
A
IOZ
OFF-state
output current
VI =VIH or VIL;
VO =VCC or GND per input
pin; other inputs at
VCC or GND; IO =0 A;
VCC =5.5 V
--
0.25
-
2.5
-
10.0
A
ICC
supply current VI =VCC or GND; IO = 0 A;
VCC =5.5 V
--
4.0
-
40
-
80
A
I
CC
additional
supply current
per input pin;
VI =VCC  2.1 V;
other pins at VCC or GND;
IO =0 A; VCC = 4.5 V to 5.5 V
--
1.35
-
1.5
-
1.5
mA
CI
input
capacitance
VI =VCC or GND
-
3
10
-
10
-
10
pF
CO
output
capacitance
-4
-
-
-
-
-
pF
Table 6.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com