Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AHCT240D Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74AHCT240D
Description  Octal buffer/line driver; inverting; 3-state
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT240D Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74AHCT240D Datasheet HTML 2Page - NXP Semiconductors 74AHCT240D Datasheet HTML 3Page - NXP Semiconductors 74AHCT240D Datasheet HTML 4Page - NXP Semiconductors 74AHCT240D Datasheet HTML 5Page - NXP Semiconductors 74AHCT240D Datasheet HTML 6Page - NXP Semiconductors 74AHCT240D Datasheet HTML 7Page - NXP Semiconductors 74AHCT240D Datasheet HTML 8Page - NXP Semiconductors 74AHCT240D Datasheet HTML 9Page - NXP Semiconductors 74AHCT240D Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
74AHC_AHCT240
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 26 November 2010
6 of 16
NXP Semiconductors
74AHC240; 74AHCT240
Octal buffer/line driver; inverting; 3-state
10. Dynamic characteristics
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 7.
Symbol Parameter
Conditions
25
C
40 C to +125 C
Unit
Min
Typ[1]
Max
Min
Max
(85
C)
Max
(125
C)
74AHC240
tpd
propagation delay
nAn to nYn; see Figure 5
[2]
VCC = 3.0 V to 3.6 V; CL = 15 pF
-
3.9
7.5
1.0
8.6
10.8
ns
VCC = 3.0 V to 3.6 V; CL = 50 pF
-
5.8
11.0
1.0
12.5
15.6
ns
VCC = 4.5 V to 5.5 V; CL = 15 pF
-
2.8
4.8
1.0
5.7
7.1
ns
VCC = 4.5 V to 5.5 V; CL = 50 pF
-
4.2
7.3
1.0
8.5
10.6
ns
ten
enable time
nOE to nYn; see Figure 6
[2]
VCC = 3.0 V to 3.6 V; CL = 15 pF
-
4.4
10.0
1.0
12.0
19.4
ns
VCC = 3.0 V to 3.6 V; CL = 50 pF
-
5.8
13.5
1.0
15.5
19.4
ns
VCC = 4.5 V to 5.5 V; CL = 15 pF
-
3.1
6.5
1.0
7.7
12.5
ns
VCC = 4.5 V to 5.5 V; CL = 50 pF
-
4.1
8.5
1.0
10.0
12.5
ns
tdis
disable time
nOE to nYn; see Figure 6
[2]
VCC = 3.0 V to 3.6 V; CL = 15 pF
-
5.3
9.0
1.0
10.0
18.1
ns
VCC = 3.0 V to 3.6 V; CL = 50 pF
-
8.9
13.0
1.0
14.5
18.1
ns
VCC = 4.5 V to 5.5 V; CL = 15 pF
-
3.9
5.8
1.0
6.5
8.1
ns
VCC = 4.5 V to 5.5 V; CL = 50 pF
-
6.2
8.7
1.0
9.5
11.8
ns
CPD
power dissipation
capacitance
VI = GND to VCC; CL =50pF;
fi =1MHz
[3]
-9
-
-
-
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com