Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AHCT240D Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74AHCT240D
Description  Octal buffer/line driver; inverting; 3-state
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT240D Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74AHCT240D Datasheet HTML 3Page - NXP Semiconductors 74AHCT240D Datasheet HTML 4Page - NXP Semiconductors 74AHCT240D Datasheet HTML 5Page - NXP Semiconductors 74AHCT240D Datasheet HTML 6Page - NXP Semiconductors 74AHCT240D Datasheet HTML 7Page - NXP Semiconductors 74AHCT240D Datasheet HTML 8Page - NXP Semiconductors 74AHCT240D Datasheet HTML 9Page - NXP Semiconductors 74AHCT240D Datasheet HTML 10Page - NXP Semiconductors 74AHCT240D Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
74AHC_AHCT240
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 26 November 2010
7 of 16
NXP Semiconductors
74AHC240; 74AHCT240
Octal buffer/line driver; inverting; 3-state
[1]
Typical values are measured at nominal supply voltage (VCC = 3.3 V and VCC = 5.0 V).
[2]
tpd is the same as tPLH and tPHL; ten is the same as tPZH and tPZL; tdis is the same as tPLZ and tPHZ.
[3]
CPD is used to determine the dynamic power dissipation (PD in W).
PD =CPD  VCC2  fi  N + (CL  VCC2  fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
(C
L  VCC
2
 f
o) = sum of outputs.
11. Waveforms
74AHCT240
tpd
propagation delay
nAn to nYn; see Figure 5
[2]
VCC = 4.5 V to 5.5 V; CL = 15 pF
-
3.0
5.8
1.0
6.8
8.5
ns
VCC = 4.5 V to 5.5 V; CL = 50 pF
-
4.4
8.4
1.0
9.5
11.9
ns
ten
enable time
nOE to nYn; see Figure 6
[2]
VCC = 4.5 V to 5.5 V; CL = 15 pF
-
3.4
7.5
1.0
9.0
14.4
ns
VCC = 4.5 V to 5.5 V; CL = 50 pF
-
4.5
9.5
1.0
11.5
14.4
ns
tdis
disable time
nOE to nYn; see Figure 6
[2]
VCC = 4.5 V to 5.5 V; CL = 15 pF
-
3.9
6.1
1.0
6.7
8.3
ns
VCC = 4.5 V to 5.5 V; CL = 50 pF
-
6.2
8.7
1.0
9.2
11.5
ns
CPD
power dissipation
capacitance
VI = GND to VCC; CL =50pF;
fi =1MHz
[3]
-9
-
-
-
-
pF
Table 7.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 7.
Symbol Parameter
Conditions
25
C
40 C to +125 C
Unit
Min
Typ[1]
Max
Min
Max
(85
C)
Max
(125
C)
Measurement points are given in Table 8.
VOL and VOH are typical voltage output drop that occur with the output load.
Fig 5.
Propagation delay input (nAn) to output (nYn)
mgu781
nAn input
nYn output
tPHL
tPLH
GND
VI
VM
VM
VM
VM
VOH
VOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com