Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL2103T Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SSL2103T
Description  SMPS controller IC for dimmable LED lighting
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL2103T Datasheet(HTML) 2 Page - NXP Semiconductors

  SSL2103T Datasheet HTML 1Page - NXP Semiconductors SSL2103T Datasheet HTML 2Page - NXP Semiconductors SSL2103T Datasheet HTML 3Page - NXP Semiconductors SSL2103T Datasheet HTML 4Page - NXP Semiconductors SSL2103T Datasheet HTML 5Page - NXP Semiconductors SSL2103T Datasheet HTML 6Page - NXP Semiconductors SSL2103T Datasheet HTML 7Page - NXP Semiconductors SSL2103T Datasheet HTML 8Page - NXP Semiconductors SSL2103T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
SSL2103
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 25 November 2010
2 of 21
NXP Semiconductors
SSL2103
SMPS controller IC for dimmable LED lighting
4.
Quick reference data
[1]
VCC = 20 V minimum to meet all characteristics.
5.
Ordering information
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
VDRAIN  60 V
[1] 12
20
28
V
fosc
oscillator frequency
10
100
130
kHz
IDRAIN
current on pin DRAIN
VDRAIN > 60 V; with auxiliary supply
-
30
125
A
min
minimum duty factor
-
0
-
max
maximum duty cycle
PWMLIMIT= 3 V
-
75
-
Tamb
ambient temperature
40
-
+100
C
Table 2.
Ordering information
Type number
Package
Name
Description
Version
SSL2103T
SO14
plastic small outline package; 14 leads; body width 3.9 mm
SOT108-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com