Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL2103T Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SSL2103T
Description  SMPS controller IC for dimmable LED lighting
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL2103T Datasheet(HTML) 4 Page - NXP Semiconductors

  SSL2103T Datasheet HTML 1Page - NXP Semiconductors SSL2103T Datasheet HTML 2Page - NXP Semiconductors SSL2103T Datasheet HTML 3Page - NXP Semiconductors SSL2103T Datasheet HTML 4Page - NXP Semiconductors SSL2103T Datasheet HTML 5Page - NXP Semiconductors SSL2103T Datasheet HTML 6Page - NXP Semiconductors SSL2103T Datasheet HTML 7Page - NXP Semiconductors SSL2103T Datasheet HTML 8Page - NXP Semiconductors SSL2103T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
SSL2103
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 25 November 2010
4 of 21
NXP Semiconductors
SSL2103
SMPS controller IC for dimmable LED lighting
7.
Pinning information
7.1 Pinning
7.2 Pin description
Fig 2.
Pin configuration SO14
SSL2103
SB_DRV
HVDET
WB_DRV
DRAIN
VCC
PWR_DRV
GND
SOURCE
BRIGHTNESS
AUX
RC2
ISENSE
RC
PWMLIMIT
001aam652
1
2
3
4
5
6
7
8
10
9
12
11
14
13
Table 3.
Pin description
Symbol
Pin
Description
SB_DRV
1
strong bleeder switch drive
WB_DRV
2
weak bleeder switch drive
VCC
3
supply voltage
GND
4
ground
BRIGHTNESS
5
brightness input
RC2
6
setting for frequency reduction
RC
7
frequency setting
PWMLIMIT
8
PWM limit input
ISENSE
9
current sense input for WBLEED
AUX
10
input for voltage from auxiliary winding for timing (demagnetization)
SOURCE
11
current sense input of external power switch
PWR_DRV
12
power switch drive
DRAIN
13
drain of external power switch; input for start-up current and valley sensing
HVDET
14
input for high voltage sensing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com