Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL2103T Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SSL2103T
Description  SMPS controller IC for dimmable LED lighting
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL2103T Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SSL2103T Datasheet HTML 3Page - NXP Semiconductors SSL2103T Datasheet HTML 4Page - NXP Semiconductors SSL2103T Datasheet HTML 5Page - NXP Semiconductors SSL2103T Datasheet HTML 6Page - NXP Semiconductors SSL2103T Datasheet HTML 7Page - NXP Semiconductors SSL2103T Datasheet HTML 8Page - NXP Semiconductors SSL2103T Datasheet HTML 9Page - NXP Semiconductors SSL2103T Datasheet HTML 10Page - NXP Semiconductors SSL2103T Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
SSL2103
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 25 November 2010
7 of 21
NXP Semiconductors
SSL2103
SMPS controller IC for dimmable LED lighting
The SB_DRV output is activated when the maximum voltage on pin HVDET is below the
Vth(SBLEED) level (52 V typically). The WB_DRV output is activated as soon as the voltage
on pin ISENSE exceeds the Vth(high)(ISENSE) level (100 mV typically). The WB_DRV
output is deactivated when the ISENSE voltage drops below the Vth(low)(ISENSE) level
(
250 mV typically). The WB_DRV output is also deactivated when the strong bleeder
switch is switched on. See Figure 5.
8.5 Valley switching
A new cycle is started when the primary switch is switched on (see Figure 6). After a time
determined by the oscillator voltage, RC and the internal regulation level, the switch is
turned off and the secondary stroke starts. The internal regulation level is determined by
the voltage on pin PWMLIMIT.
After the secondary stroke, the drain voltage shows an oscillation with a frequency of
approximately:
(2)
where:
Lp = primary self inductance
Cp = parasitic capacitance on drain node
As soon as the oscillator voltage is high again and the secondary stroke has ended, the
circuit waits for a low drain voltage before starting a new primary stroke.
Figure 6 shows the drain voltage together with the valley signal, the signal indicating the
secondary stroke and the RC voltage.
The primary stroke starts some time before the actual valley at low ringing frequencies,
and some time after the actual valley at high ringing frequencies.
Fig 5.
Bleeder circuit
001aam658
HVDET
WB_DRV
SB_DRV
LOW V DETECT
Q
R
S
−0.1 V
−0.25 V
ISENSE
GND
INTEGRATED
B1
OR
1
2
L
p
C
p

----------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com