Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85322DA Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCF85322DA
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85322DA Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCF85322DA Datasheet HTML 17Page - NXP Semiconductors PCF85322DA Datasheet HTML 18Page - NXP Semiconductors PCF85322DA Datasheet HTML 19Page - NXP Semiconductors PCF85322DA Datasheet HTML 20Page - NXP Semiconductors PCF85322DA Datasheet HTML 21Page - NXP Semiconductors PCF85322DA Datasheet HTML 22Page - NXP Semiconductors PCF85322DA Datasheet HTML 23Page - NXP Semiconductors PCF85322DA Datasheet HTML 24Page - NXP Semiconductors PCF85322DA Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
PCF8532_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 1 — 10 February 2009
21 of 44
NXP Semiconductors
PCF8532
Universal LCD driver for low multiplex rates
7.16.6 Input filters
To enhance noise immunity in electrically adverse environments, RC low-pass filters are
provided on the SDA and SCL lines.
7.16.7 I2C-bus protocol
Two I2C-bus slave addresses (0111 000 and 0111 001) are reserved for the PCF8532.
The least significant bit of the slave address that a PCF8532 responds to is defined by the
level tied at its input SA0. The PCF8532 is a write only device and does not respond to a
read access. Two types of PCF8532 can be distinguished on the same I2C-bus which
allows:
• Up to 8 PCF8532’s on the same I2C-bus for very large LCD applications
• The use of two types of LCD multiplex on the same I2C-bus.
The I2C-bus protocol is shown in Figure 15. The sequence is initiated with a START
condition (S) from the I2C-bus master which is followed by one of the two PCF8532 slave
addresses available. All PCF8532’s with the corresponding SA0 level acknowledge in
parallel to the slave address, but all PCF8532’s with the alternative SA0 level ignore the
whole I2C-bus transfer.
After acknowledgement, a control byte follows which defines if the next byte is RAM or
command information. The control byte also defines if the next following byte is a control
byte or further RAM/command data.
In this way it is possible to configure the device then fill the display RAM with little
overhead.
The command bytes and control bytes are also acknowledged by all addressed
PCF8532’s connected to the bus.
The display bytes are stored in the display RAM at the address specified by the data
pointer and the subaddress counter. Both data pointer and subaddress counter are
automatically updated and the data is directed to the intended PCF8532 device.
The acknowledgement after each byte is made only by the (A0 and A1) addressed
PCF8532. After the last (display) byte, the I2C-bus master issues a STOP condition (P).
Alternatively a START may be issued to RESTART an I2C-bus access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com