Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85322DA Datasheet(PDF) 29 Page - NXP Semiconductors

Part # PCF85322DA
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85322DA Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button PCF85322DA Datasheet HTML 25Page - NXP Semiconductors PCF85322DA Datasheet HTML 26Page - NXP Semiconductors PCF85322DA Datasheet HTML 27Page - NXP Semiconductors PCF85322DA Datasheet HTML 28Page - NXP Semiconductors PCF85322DA Datasheet HTML 29Page - NXP Semiconductors PCF85322DA Datasheet HTML 30Page - NXP Semiconductors PCF85322DA Datasheet HTML 31Page - NXP Semiconductors PCF85322DA Datasheet HTML 32Page - NXP Semiconductors PCF85322DA Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
PCF8532_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 1 — 10 February 2009
29 of 44
NXP Semiconductors
PCF8532
Universal LCD driver for low multiplex rates
Tamb =25 °C; MUX 1:4; all RAM written with logic 1; no display connected; external clock with
fclk(ext) = 1.800 kHz.
Fig 18. IDD(LCD) (typical) with respect to VLCD
VLCD (V)
1
9
7
5
3
001aaj497
20
10
30
40
IDD(LCD)
(
µA)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com