Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85322DA Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCF85322DA
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85322DA Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCF85322DA Datasheet HTML 9Page - NXP Semiconductors PCF85322DA Datasheet HTML 10Page - NXP Semiconductors PCF85322DA Datasheet HTML 11Page - NXP Semiconductors PCF85322DA Datasheet HTML 12Page - NXP Semiconductors PCF85322DA Datasheet HTML 13Page - NXP Semiconductors PCF85322DA Datasheet HTML 14Page - NXP Semiconductors PCF85322DA Datasheet HTML 15Page - NXP Semiconductors PCF85322DA Datasheet HTML 16Page - NXP Semiconductors PCF85322DA Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
PCF8532_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 1 — 10 February 2009
13 of 44
NXP Semiconductors
PCF8532
Universal LCD driver for low multiplex rates
7.5 Oscillator
The internal logic and the LCD drive signals of the PCF8532 are timed by a frequency fclk
which either is derived from the built-in oscillator frequency fosc (
) or equals an
external clock frequency fclk(ext) ().
The clock frequency fclk determines the LCD frame frequency ffr (see Table 15).
7.5.1 Internal clock
The internal logic and the LCD drive signals of the PCF8532 are timed either by the
built-in oscillator or by an external clock.
The internal oscillator is enabled by connecting pin OSC to pin VSS. In this case the output
from pin CLK provides the clock signal for cascaded PCF8532’s in the system. However,
the clock signal is only available at the pin CLK, if the display is enabled. The display is
enabled using the display enable bit (see Table 9).
The nominal output clock frequency is like specified in Table 18 with parameter fclk.
7.5.2 External clock
Connecting pin OSC to VDD enables an external clock source. Pin CLK then becomes the
external clock input.
A clock signal must always be supplied to the device; removing the clock may freeze the
LCD in a DC state.
7.6 Timing and frame frequency
The timing of the PCF8532 organizes the internal data flow of the device. This includes
the transfer of display data from the display RAM to the display segment outputs.
In cascaded applications, the synchronization signal (SYNC) maintains the correct timing
relationship between all the PCF8532’s in the system.
The clock frequency can be programmed by software such that the nominal frame
frequency can be chosen in steps of 5 Hz in the range of 60 Hz to 90 Hz (see Table 15).
7.7 Display register
The display register holds the display data while the corresponding multiplex signals are
generated. There is a one-to-one relationship between the data in the display register, the
LCD segment outputs and one column of the display RAM.
7.8 Segment outputs
The LCD drive section includes 160 segment outputs (S0 to S159) which must be
connected directly to the LCD. The segment output signals are generated in accordance
with the multiplexed backplane signals and with data residing in the display register. When
less than 160 segment outputs are required the unused segment outputs must be left
open-circuit.
f
clk
f
osc
64
----------
=
f
clk
f
clk ext
(
)
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com