Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1602 Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP1602
Description  2.0 MHz, 500 mA Synchronous Buck Regulator with Power-Good
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1602 Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP1602 Datasheet HTML 18Page - Microchip Technology MCP1602 Datasheet HTML 19Page - Microchip Technology MCP1602 Datasheet HTML 20Page - Microchip Technology MCP1602 Datasheet HTML 21Page - Microchip Technology MCP1602 Datasheet HTML 22Page - Microchip Technology MCP1602 Datasheet HTML 23Page - Microchip Technology MCP1602 Datasheet HTML 24Page - Microchip Technology MCP1602 Datasheet HTML 25Page - Microchip Technology MCP1602 Datasheet HTML 26Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
© 2007 Microchip Technology Inc.
DS22061A-page 23
MCP1602
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device
MCP1602: 2.0 MHz, 500 mA, Buck Reg w/Power-Good
Tape & Reel
T = Tape and Reel
Blank = Tube
Standard Fixed
Output Voltage *
120 = 1.20V
150 = 1.50V
180 = 1.80V
250 = 2.50V
330 = 3.30V
ADJ = Adjustable Voltage Version (0.8V to 4.5V)
* Custom output voltages available upon request. Contact
your local Microchip sales office for more information.
Temperature Range
I
=
-40
°C to +85°C
Package *
MF = Plastic Dual Flat No Lead, (3x3 mm Body), 8-Lead
MS = Plastic Micro Small Outline, 8-Lead
PART NO.
X
XX
Package
Temp.
Device
Examples:
a)
MCP1602-1202I/MF:
1.20V,
500 mA
Buck
Reg, 8LD DFN Pkg.
b)
MCP1602-1202I/MS: 1.20V,
500 mA
Buck
Reg, 8LD MSOP Pkg.
c)
MCP1602-1502I/MF:
1.50V,
500 mA
Buck
Reg, 8LD DFN Pkg.
d)
MCP1602-1502I/MS: 1.50V,
500 mA
Buck
Reg, 8LD MSOP Pkg.
e)
MCP1602-1802I/MF:
1.80V,
500 mA
Buck
Reg, 8LD DFN Pkg.
f)
MCP1602-1802I/MS: 1.80V,
500 mA
Buck
Reg, 8LD MSOP Pkg.
g)
MCP1602-2502I/MF:
2.50V,
500 mA
Buck
Reg, 8LD DFN Pkg.
h)
MCP1602-2502I/MS: 2.50V,
500 mA
Buck
Reg, 8LD MSOP Pkg.
i)
MCP1602T-3302I/MF: Tape and Reel,
3.30V,
500 mA
Buck
Reg, 8LD DFN Pkg.
j)
MCP1602-3302I/MS: 3.30V,
500 mA
Buck
Reg, 8LD MSOP Pkg.
k)
MCP1602-ADJI/MF:
Adjustable,
500 mA
Buck Reg, 8LD DFN
Pkg.
l)
MCP1602-ADJI/MS:
Adjustable,
500 mA
Buck Reg, 8LD MSOP
Pkg.
Range
-XXX
Voltage
Output
X
Tape &
Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com