Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1602 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP1602
Description  2.0 MHz, 500 mA Synchronous Buck Regulator with Power-Good
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1602 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP1602 Datasheet HTML 12Page - Microchip Technology MCP1602 Datasheet HTML 13Page - Microchip Technology MCP1602 Datasheet HTML 14Page - Microchip Technology MCP1602 Datasheet HTML 15Page - Microchip Technology MCP1602 Datasheet HTML 16Page - Microchip Technology MCP1602 Datasheet HTML 17Page - Microchip Technology MCP1602 Datasheet HTML 18Page - Microchip Technology MCP1602 Datasheet HTML 19Page - Microchip Technology MCP1602 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
MCP1602
DS22061A-page 16
© 2007 Microchip Technology Inc.
5.8
PCB Layout Information
Good printed circuit board layout techniques are
important to any switching circuitry and switching
power supplies are no different. When wiring the high
current paths, short and wide traces should be used.
This high current path is shown with red connections in
Figure 5-1.
Therefore,
it
is
important
that
the
components along the high current path should be
placed as close as possible to the MCP1602 to
minimize the loop area.
The feedback resistors and feedback signal should be
routed away from the switching node and this switching
current loop. When possible ground planes and traces
should be used to help shield the feedback signal and
minimize noise and magnetic interference.
FIGURE 5-1:
PCB High Current Path.
SHDN
VCC
PG
AGND
VFB
VIN
LX
PGND
1
2
3
4
8
7
6
5
ON
OFF
MCP1602
VIN
2.7V to 4.5V
VOUT
1.5V @ 500 mA
VIN
RPULLUP
4.7 µF
4.7 µH
4.7 µF
0.1 µF
10
Ω
Processor
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com