Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1602 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP1602
Description  2.0 MHz, 500 mA Synchronous Buck Regulator with Power-Good
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1602 Datasheet(HTML) 1 Page - Microchip Technology

  MCP1602 Datasheet HTML 1Page - Microchip Technology MCP1602 Datasheet HTML 2Page - Microchip Technology MCP1602 Datasheet HTML 3Page - Microchip Technology MCP1602 Datasheet HTML 4Page - Microchip Technology MCP1602 Datasheet HTML 5Page - Microchip Technology MCP1602 Datasheet HTML 6Page - Microchip Technology MCP1602 Datasheet HTML 7Page - Microchip Technology MCP1602 Datasheet HTML 8Page - Microchip Technology MCP1602 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
© 2007 Microchip Technology Inc.
DS22061A-page 1
MCP1602
Features
• Over 90% Typical Efficiency
• Output Current: Up To 500 mA
• Power-Good Output with 262 ms Delay
• Low Quiescent Current: 45 µA (typical)
• Low Shutdown Current: 0.05 µA (typical)
• Automatic PWM to PFM Mode Transition
• Adjustable Output Voltage:
- 0.8V to 4.5V
• Fixed Output Voltage:
- 1.2V, 1.5V, 1.8V, 2.5V, and 3.3V
• 2.0 MHz Fixed-Frequency PWM (Heavy Load)
• Internally Compensated
• Undervoltage Lockout (UVLO)
• Overtemperture Protection
• Overcurrent Protection
• Space Saving Packages:
- 8-Lead MSOP
- 8-Lead 3x3 DFN
Applications
• Cellular Telephones
• Portable Computers
• Organizers / PDAs
• USB Powered Devices
• Digital Cameras
• Portable Equipment
• +5V or +3.3V Distributed Systems
General Description
The MCP1602 is a high efficient, fully integrated
500 mA synchronous buck regulator with a power-
good monitor. The 2.7V to 5.5V input voltage range and
low quiescent current (45 µA, typical) makes the
MCP1602 ideally suited for applications powered from
1-cell Li-Ion or 2-cell/3-cell NiMH/NiCd batteries.
At heavy loads, the MCP1602 operates in the 2.0 MHz
fixed frequency PWM mode which provides a low
noise, low output ripple, small-size solution. When the
load
is reduced
to light levels, the MCP1602
automatically changes operation to a PFM mode to
minimize quiescent current draw from the battery. No
intervention is necessary for a smooth transition from
one mode to another. These two modes of operation
allow the MCP1602 to achieve the highest efficiency
over the entire operating current range.
The open-drain power-good feature of the MCP1602
monitors the output voltage and provides indication
when the output voltage is within 94% (typical) of the
regulation value. The typical 2% hystereses in the
power-good
transition
threshold
as
well
as
a
262 ms (typical) delay time ensures accurate power-
good signaling.
The MCP1602 is available in either the 8-pin DFN or
MSOP package. It is also available with either an
adjustable or fixed output voltage. The available fixed
output voltage options are 1.2V, 1.5V, 1.8V, 2.5V, and
3.3V.
Additional
protection
features
include:
UVLO,
overtemperature, and overcurrent protection.
Package Types
VIN
VIN
8
7
6
5
4
3
2
1
SHDN
VCC
PG
AGND VOUT/VFB
LX
PGND
8
7
6
5
4
3
2
1
SHDN
VCC
PG
AGND
VOUT/VFB
LX
PGND
3x3 DFN-8
MSOP-8
2.0 MHz, 500 mA Synchronous Buck Regulator
with Power-Good


Similar Part No. - MCP1602

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
MCP1600-C0005-C ATGBICS-MCP1600-C0005-C Datasheet
245Kb / 6P
MCP1600-C0005 NVIDIA Mellanox Compatible Direct Attach Copper Twinax Cable QSFP28 100G (0.5m, Passive)
MCP1600-C001-C ATGBICS-MCP1600-C001-C Datasheet
245Kb / 6P
MCP1600-C001 NVIDIA Mellanox Compatible Direct Attach Copper Twinax Cable QSFP28 100G (1m, Passive)
MCP1600-C0015-C ATGBICS-MCP1600-C0015-C Datasheet
245Kb / 6P
MCP1600-C0015 NVIDIA Mellanox Compatible Direct Attach Copper Twinax Cable QSFP28 100G (1.5m, Passive)
MCP1600-C002-C ATGBICS-MCP1600-C002-C Datasheet
245Kb / 6P
MCP1600-C002 NVIDIA Mellanox Compatible Direct Attach Copper Twinax Cable QSFP28 100G (2m, Passive)
MCP1600-C0025-C ATGBICS-MCP1600-C0025-C Datasheet
245Kb / 6P
MCP1600-C0025 NVIDIA Mellanox Compatible Direct Attach Copper Twinax Cable QSFP28 100G (2.5m, Passive)
More results

Similar Description - MCP1602

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1601 MICROCHIP-MCP1601 Datasheet
683Kb / 22P
500 mA Synchronous BUCK Regulator
2003
TC1303B MICROCHIP-TC1303B Datasheet
601Kb / 30P
500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
TC1303A MICROCHIP-TC1303A Datasheet
635Kb / 36P
500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
TC1313 MICROCHIP-TC1313 Datasheet
542Kb / 28P
500 mA Synchronous Buck Regulator, 300 mA LDO
2005
MCP1603 MICROCHIP-MCP1603 Datasheet
774Kb / 26P
2.0 MHz, 500 mA Synchronous Buck Regulator
2007
TC1303A MICROCHIP-TC1303A_08 Datasheet
791Kb / 38P
500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
TC1313 MICROCHIP-TC1313_09 Datasheet
621Kb / 32P
500 mA Synchronous Buck Regulator, 300 mA LDO
2009
MCP1601 MICROCHIP-MCP1601_13 Datasheet
511Kb / 24P
500 mA Synchronous BUCK Regulator
11/29/12
MCP1603 MICROCHIP-MCP1603_12 Datasheet
796Kb / 34P
2.0 MHz, 500 mA Synchronous Buck Regulator
2007-2012 11/29/11
logo
Semtech Corporation
SC21152 SEMTECH-SC21152 Datasheet
1Mb / 18P
Tiny 1.2A Synchronous Buck Regulator with Power Good
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com