Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP14628 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP14628
Description  2A Synchronous Buck Power MOSFET Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14628 Datasheet(HTML) 3 Page - Microchip Technology

  MCP14628 Datasheet HTML 1Page - Microchip Technology MCP14628 Datasheet HTML 2Page - Microchip Technology MCP14628 Datasheet HTML 3Page - Microchip Technology MCP14628 Datasheet HTML 4Page - Microchip Technology MCP14628 Datasheet HTML 5Page - Microchip Technology MCP14628 Datasheet HTML 6Page - Microchip Technology MCP14628 Datasheet HTML 7Page - Microchip Technology MCP14628 Datasheet HTML 8Page - Microchip Technology MCP14628 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
© 2008 Microchip Technology Inc.
DS22083A-page 3
MCP14628
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VCC, Device Supply Voltage............................. -0.3V to +7.0V
VBOOT, BOOT Voltage.................................... -0.3V to +36.0V
VPHASE, Phase Voltage...........VBOOT - 7.0V to VBOOT +0.3V
VFCCM, FCCM Voltage ........................... -0.3V to VCC + .0.3V
VPWM, PWM Voltage............................... -0.3V to VCC +0.3V
VUGATE, UGATE Voltage....... VPHASE - 0.3V to VBOOT +0.3V
VLGATE, LGATE Voltage .......................... -0.3V to VCC +0.3V
ESD Protection on all Pins ....................................2 kV (HBM)
† Notice: Stresses above those listed under "Maximum
Ratings" may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational sections of this specification is not intended.
Exposure to maximum rating conditions for extended periods
may affect device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, VCC =5V, TJ = -40°C to +125°C
Parameters
Sym
Min
Typ
Max
Units
Conditions
VCC Supply Requirements
Recommended Operating Range
VCC
4.5
5.0
5.5
V
Bias Supply Voltage
IVCC
—
80
—
µA
PWM pin floating,
VFCCM =5V
UVLO (Rising VCC)
—
3.40
3.90
V
UVLO (Falling VCC)2.40
2.90
—
V
Hysteresis
—
500
—
mV
PWM Input Requirements
PWM Input Current
IPWM
—250
—
µA
VPWM =5V
—
-250
—
µA
VPWM =0V
PWM Rising Threshold
0.70
1.00
1.30
V
PWM Falling Threshold
3.50
3.80
4.10
V
Tri-State Shutdown Hold-off Time
tTSSHD
100
175
250
ns
TA = +25°C, Note 2
FCCM input Requirements
FCCM Low Threshold
0.50
—
—
V
FCCM High Threshold
—
—
2.0
V
Output Requirements
High Drive Source Resistance
—
1.0
2.5
Ω
500 mA source current,
Note 1
High Drive Sink Resistance
—
1.0
2.5
Ω
500 mA sink current,
Note 1
High Drive Source Current
—
2.0
—
A
Note 1
High Drive Sink Current
—
2.0
—
A
Note 1
Low Drive Source Resistance
—
1
2.5
Ω
500 mA source current,
Note 1
Low Drive Sink Resistance
—
0.5
1.0
Ω
500 mA sink current,
Note 1
Low Drive Source Current
—
2.0
—
A
Note 1
Low Drive Sink Current
—
3.5
—
A
Note 1
Note 1:
Parameter ensured by design, not production tested.
2:
See Figure 4-1 for parameter definition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com