Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP14628 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP14628
Description  2A Synchronous Buck Power MOSFET Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14628 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP14628 Datasheet HTML 6Page - Microchip Technology MCP14628 Datasheet HTML 7Page - Microchip Technology MCP14628 Datasheet HTML 8Page - Microchip Technology MCP14628 Datasheet HTML 9Page - Microchip Technology MCP14628 Datasheet HTML 10Page - Microchip Technology MCP14628 Datasheet HTML 11Page - Microchip Technology MCP14628 Datasheet HTML 12Page - Microchip Technology MCP14628 Datasheet HTML 13Page - Microchip Technology MCP14628 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
MCP14628
DS22083A-page 10
© 2008 Microchip Technology Inc.
4.5
Timing Diagram
The PWM signal applied to the MCP14628 is suppled
by a controller IC that regulates the power supply
output. The timing diagram in Figure 4-1 graphically
depicts the PWM signal and the output signals of the
MCP14628.
FIGURE 4-1:
MCP14628 Timing Diagram.
PWM
HIGHDR
LOWDR
tPDLL
tFL
tPDHH
tRH
tPDLH
tFH
tRL
tPDHL
1V
1V
PWM
HIGHDR
LOWDR
VCC/2
tPTS
tTSSHD
tRH
tPTS
tFH
tFL
tTSSHD
1V
VCC
0V
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com