Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP14628 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP14628
Description  2A Synchronous Buck Power MOSFET Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14628 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP14628 Datasheet HTML 8Page - Microchip Technology MCP14628 Datasheet HTML 9Page - Microchip Technology MCP14628 Datasheet HTML 10Page - Microchip Technology MCP14628 Datasheet HTML 11Page - Microchip Technology MCP14628 Datasheet HTML 12Page - Microchip Technology MCP14628 Datasheet HTML 13Page - Microchip Technology MCP14628 Datasheet HTML 14Page - Microchip Technology MCP14628 Datasheet HTML 15Page - Microchip Technology MCP14628 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
MCP14628
DS22083A-page 12
© 2008 Microchip Technology Inc.
FIGURE 5-1:
Turn On Current Paths.
The charge needed for the turning on of the high-side
power MOSFET comes from the bootstrap capacitor
CBOOT. Current flows from CBOOT through the internal
HIGHDR circuitry, into the gate of the high-side power
MOSFET, out the source, and back to CBOOT. The
printed circuit board traces that construct this current
loop need to have a small area and low inductance. To
control the inductance, short and wide traces must be
used.
Figure 5-2 depicts the current flow paths when the
outputs of the MCP14628 are low and the power
MOSFETs are turned off. These current paths should
also have low inductance and a small loop area to
minimize voltage ringing and spiking.
FIGURE 5-2:
Turn Off Current Paths.
The following recommendations should be followed to
allow for optimal circuit performance.
- The components that construct the high
current paths previously mentioned should be
placed close the MCP14628. The traces
used to construct these current loops should
be wide and short to keep the inductance and
impedance low.
- A ground plane should be used to keep both
the parasitic inductance and impedance
minimized. The MCP14628 is capable of
sourcing and sinking high peaks current and
any extra parasitic inductance or impedance
will result in non-optimal performance.
VCC
PWM
CVCC
CBOOT
VSUPPLY
MCP14628
Control
Logic
VCC
PWM
CVCC
CBOOT
VSUPPLY
MCP14628
Control
Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com