Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP127FP Datasheet(PDF) 1 Page - STMicroelectronics

Part # TIP127FP
Description  Complementary power Darlington transistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP127FP Datasheet(HTML) 1 Page - STMicroelectronics

  TIP127FP Datasheet HTML 1Page - STMicroelectronics TIP127FP Datasheet HTML 2Page - STMicroelectronics TIP127FP Datasheet HTML 3Page - STMicroelectronics TIP127FP Datasheet HTML 4Page - STMicroelectronics TIP127FP Datasheet HTML 5Page - STMicroelectronics TIP127FP Datasheet HTML 6Page - STMicroelectronics TIP127FP Datasheet HTML 7Page - STMicroelectronics TIP127FP Datasheet HTML 8Page - STMicroelectronics TIP127FP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
December 2009
Doc ID 5309 Rev 5
1/11
11
TIP122FP
TIP127FP
Complementary power Darlington transistors
Features
■ Low collector-emitter saturation voltage
■ Complementary NPN - PNP transistors
■ TO-220FP isolated package UL compliant
Application
■ General purpose linear and switching
Description
The devices are manufactured in planar
technology with “base island” layout and
monolithic Darlington configuration. The resulting
transistors show exceptional high gain
performance coupled with very low saturation
voltage.
Figure 1.
Internal schematic diagrams
TO-220FP
1
2
3
NPN: R1 = 7 kΩ
PNP: R1 = 16 kΩ
R2 = 60 Ω
R2 = 70 Ω
Table 1.
Device summary
Order codes
Marking
Polarity
Package
Packaging
TIP122FP
TIP122FP
NPN
TO-220FP
Tube
TIP127FP
TIP127FP
PNP
www.st.com


Similar Part No. - TIP127FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TIP127FP STMICROELECTRONICS-TIP127FP Datasheet
29Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Apr-1998
TIP127FP STMICROELECTRONICS-TIP127FP Datasheet
279Kb / 6P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Mar-2003
TIP127FP STMICROELECTRONICS-TIP127FP Datasheet
279Kb / 6P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Mar-2003
logo
Inchange Semiconductor ...
TIP127FP ISC-TIP127FP Datasheet
313Kb / 3P
isc Silicon NPN Power Transistor
logo
STMicroelectronics
TIP127FP STMICROELECTRONICS-TIP127FP_03 Datasheet
279Kb / 6P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Mar-2003
More results

Similar Description - TIP127FP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE700 ONSEMI-MJE700 Datasheet
256Kb / 6P
DARLINGTON POWER TRANSISTORS COMPLEMENTARY
1995 REV 3
logo
STMicroelectronics
MJD122-1 STMICROELECTRONICS-MJD122-1 Datasheet
91Kb / 8P
COMPLEMENTARY POWER DARLINGTON TRANSISTORS
Aug-2002
MJD122T4 STMICROELECTRONICS-MJD122T4 Datasheet
91Kb / 8P
COMPLEMENTARY POWER DARLINGTON TRANSISTORS
Aug-2002
logo
Fairchild Semiconductor
MJD122 FAIRCHILD-MJD122 Datasheet
137Kb / 8P
Complementary Darlington Power Transistors
logo
ON Semiconductor
MJD112 ONSEMI-MJD112_06 Datasheet
101Kb / 8P
Complementary Darlington Power Transistors
January, 2006 ??Rev. 7
logo
STMicroelectronics
TIP142 STMICROELECTRONICS-TIP142 Datasheet
166Kb / 8P
Complementary power Darlington transistors
12-May-2010
2STW100 STMICROELECTRONICS-2STW100 Datasheet
121Kb / 7P
Complementary power Darlington transistors
08-Mar-2010
STX112 STMICROELECTRONICS-STX112 Datasheet
343Kb / 9P
Complementary power Darlington transistors
07-Apr-2010
logo
ON Semiconductor
NJVMJD112 ONSEMI-NJVMJD112 Datasheet
153Kb / 10P
Complementary Darlington Power Transistors
November, 2013 ??Rev. 13
MJD112 ONSEMI-MJD112_V01 Datasheet
207Kb / 11P
Complementary Darlington Power Transistors
November, 2013 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com