Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP127FP Datasheet(PDF) 5 Page - STMicroelectronics

Part # TIP127FP
Description  Complementary power Darlington transistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP127FP Datasheet(HTML) 5 Page - STMicroelectronics

  TIP127FP Datasheet HTML 1Page - STMicroelectronics TIP127FP Datasheet HTML 2Page - STMicroelectronics TIP127FP Datasheet HTML 3Page - STMicroelectronics TIP127FP Datasheet HTML 4Page - STMicroelectronics TIP127FP Datasheet HTML 5Page - STMicroelectronics TIP127FP Datasheet HTML 6Page - STMicroelectronics TIP127FP Datasheet HTML 7Page - STMicroelectronics TIP127FP Datasheet HTML 8Page - STMicroelectronics TIP127FP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TIP122FP, TIP127FP
Electrical characteristics
Doc ID 5309 Rev 5
5/11
Figure 8.
Base-emitter saturation voltage for
NPN type
Figure 9.
Base-emitter saturation voltage for
PNP type
Figure 10.
Base-emitter on voltage for NPN
type
Figure 11.
Base-emitter on voltage for PNP
type
Figure 12.
Switching time on resistive load for
NPN type (on)
Figure 13.
Switching time on resistive load for
PNP type (on)
VBE(sat)
1.5
1.0
0.5
0.1
Ic(A)
1
hFE= 250
Tj= -40 °C
Tj= 25 °C
Tj=125 °C
(V)
2.0
AM00700v1
VBE(sat)
-1.5
-1.0
-0.5
-0.1
Ic(A)
-1
hFE= 250
Tj= -40 °C
Tj= 25 °C
Tj=125 °C
(V)
-2.0
AM03261v1
VBE(on)
1.5
1.0
0.5
0.1
Ic(A)
1
VCE= 3 V
Tj= -40 °C
Tj= 25 °C
Tj=125 °C
(V)
2.0
AM03262v1
VBE(on)
-1.5
-1.0
-0.5
- 0.1
Ic(A)
-1
Tj= -40 °C
Tj= 25 °C
Tj=125 °C
(V)
-2.0
VCE= -3 V
AM03263v1
t(ns)
100
10
0
Ic(A)
2
Delay time
Rise time
1
3
5
4
Vcc= 30 V
hFE=250
Vbeoff= - 5 V
Ibon= - Iboff
AM03264v1
t(ns)
100
10
0
Ic(A)
-2
Delay time
Rise time
-1
-3
-5
-4
Vcc= -30 V
hFE=250
Vbeoff= 5 V
-Ibon= Iboff
AM03265v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com