Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP127FP Datasheet(PDF) 3 Page - STMicroelectronics

Part # TIP127FP
Description  Complementary power Darlington transistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP127FP Datasheet(HTML) 3 Page - STMicroelectronics

  TIP127FP Datasheet HTML 1Page - STMicroelectronics TIP127FP Datasheet HTML 2Page - STMicroelectronics TIP127FP Datasheet HTML 3Page - STMicroelectronics TIP127FP Datasheet HTML 4Page - STMicroelectronics TIP127FP Datasheet HTML 5Page - STMicroelectronics TIP127FP Datasheet HTML 6Page - STMicroelectronics TIP127FP Datasheet HTML 7Page - STMicroelectronics TIP127FP Datasheet HTML 8Page - STMicroelectronics TIP127FP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TIP122FP, TIP127FP
Electrical characteristics
Doc ID 5309 Rev 5
3/11
2
Electrical characteristics
Tcase = 25 °C unless otherwise specified.
Note:
For PNP types voltage and current values are negative.
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICEO
Collector cut-off current
(IB = 0)
VCE = 50 V
0.5
mA
ICBO
Collector cut-off current
(IB = 0)
VCE = 100 V
0.2
mA
IEBO
Emitter cut-off current
(IC = 0)
VEB = 5 V
2
mA
VCEO(sus)
(1)
1.
Pulse test: pulse duration
≤ 300 µs, duty cycle ≤ 2 %.
Collector-emitter
sustaining voltage
(IB = 0)
IC = 30 mA
100
V
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = 3 A
IB = 12 mA
IC = 5 A
IB = 20 mA
2
4
V
V
VBE(on)
(1)
Base-emitter on voltage
IC = 3 A
VCE = 3 V
2.5
V
hFE
(1)
DC current gain
IC = 0.5 A
VCE = 3 V
IC = 3 A
VCE = 3 V
1000
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com