Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L78S09C Datasheet(PDF) 1 Page - STMicroelectronics

Part # L78S09C
Description  2 A positive voltage regulators
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78S09C Datasheet(HTML) 1 Page - STMicroelectronics

  L78S09C Datasheet HTML 1Page - STMicroelectronics L78S09C Datasheet HTML 2Page - STMicroelectronics L78S09C Datasheet HTML 3Page - STMicroelectronics L78S09C Datasheet HTML 4Page - STMicroelectronics L78S09C Datasheet HTML 5Page - STMicroelectronics L78S09C Datasheet HTML 6Page - STMicroelectronics L78S09C Datasheet HTML 7Page - STMicroelectronics L78S09C Datasheet HTML 8Page - STMicroelectronics L78S09C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
March 2010
Doc ID 2148 Rev 4
1/39
39
L78Sxx
L78SxxC
2 A positive voltage regulators
Features
■ Output current to 2 A
■ Output voltages of 5; 7.5; 9; 10; 12; 15; 18; 24 V
■ Thermal overload protection
■ Short circuit protection
■ Output transition SOA protection
Description
The L78Sxx series of three-terminal positive
regulators is available in TO-220 and TO-3
packages and several fixed output voltages,
making it useful in a wide range of applications.
These regulators can provide local on-card
regulation, eliminating the distribution problems
associated with single point regulation. Each type
employs internal current limiting, thermal shut-
down and safe area protection, making it
essentially indestructible. If adequate heat sinking
is provided, they can deliver over 2 A output
current. Although designed primarily as fixed
voltage regulators, these devices can be used
with external components to obtain adjustable
voltages and currents.
TO-220
TO-3
Table 1.
Device summary
Part numbers
L78S05
L78S09
L78S12
L78S18
L78S05C
L78S09C
L78S12C
L78S18C
L78S75
L78S10
L78S15
L78S24
L78S75C
L78S10C
L78S15C
L78S24C
www.st.com


Similar Part No. - L78S09C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L78S09C STMICROELECTRONICS-L78S09C Datasheet
262Kb / 21P
2A POSITIVE VOLTAGE REGULATORS
Jan-1993
L78S09C STMICROELECTRONICS-L78S09C Datasheet
1Mb / 31P
2 A positive voltage regulators
20-Mar-2008
L78S09C STMICROELECTRONICS-L78S09C Datasheet
983Kb / 35P
Short circuit protection
10-Mar-2014
L78S09CT STMICROELECTRONICS-L78S09CT Datasheet
262Kb / 21P
2A POSITIVE VOLTAGE REGULATORS
Jan-1993
L78S09CV STMICROELECTRONICS-L78S09CV Datasheet
262Kb / 21P
2A POSITIVE VOLTAGE REGULATORS
Jan-1993
More results

Similar Description - L78S09C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM323 ONSEMI-LM323_02 Datasheet
78Kb / 8P
3.0 A Positive Voltage Regulators
January, 2002 ??Rev. 2
MC78T00 ONSEMI-MC78T00_04 Datasheet
112Kb / 12P
3.0 A Positive Voltage Regulators
March, 2004 ??Rev. 4
MC7800 ONSEMI-MC7800_06 Datasheet
245Kb / 32P
1.0 A Positive Voltage Regulators
August, 2006 ??Rev. 15
logo
STMicroelectronics
L78SXX STMICROELECTRONICS-L78SXX Datasheet
1Mb / 31P
2 A positive voltage regulators
20-Mar-2008
logo
Suntac Electronic Corp.
STC7800 SUNTAC-STC7800 Datasheet
169Kb / 11P
1.0 A Positive Voltage Regulators
logo
ON Semiconductor
NCP7800 ONSEMI-NCP7800 Datasheet
167Kb / 9P
1.0 A Positive Voltage Regulators
October, 2009 ??Rev. 0
MC7800 ONSEMI-MC7800_10 Datasheet
295Kb / 33P
1.0 A Positive Voltage Regulators
July, 2010 ??Rev. 21
MC7800 ONSEMI-MC7800_11 Datasheet
269Kb / 34P
1.0 A Positive Voltage Regulators
April, 2012 ??Rev. 25
MC-7805-CT ONSEMI-MC-7805-CT Datasheet
329Kb / 30P
1.0 A Positive Voltage Regulators
May, 2013 ??Rev. 26
MC7800 ONSEMI-MC7800_14 Datasheet
217Kb / 31P
1.0 A Positive Voltage Regulators
November, 2014 ??Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com