Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L78S09C Datasheet(PDF) 37 Page - STMicroelectronics

Part # L78S09C
Description  2 A positive voltage regulators
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78S09C Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L78S09C Datasheet HTML 31Page - STMicroelectronics L78S09C Datasheet HTML 32Page - STMicroelectronics L78S09C Datasheet HTML 33Page - STMicroelectronics L78S09C Datasheet HTML 34Page - STMicroelectronics L78S09C Datasheet HTML 35Page - STMicroelectronics L78S09C Datasheet HTML 36Page - STMicroelectronics L78S09C Datasheet HTML 37Page - STMicroelectronics L78S09C Datasheet HTML 38Page - STMicroelectronics L78S09C Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
L78Sxx, L78SxxC
Order codes
Doc ID 2148 Rev 4
37/39
8
Order codes
Table 21.
Order codes
Part numbers
Packages
Output voltage
TO-220
T0-3
L78S05
L78S05T (1)
5 V
L78S05C
L78S05CV
L78S05CT (1)
1.
Available on request.
5 V
L78S75
L78S75T (1)
7.5 V
L78S75C
L78S75CV
L78S75CT (1)
7.5 V
L78S09
L78S09T (1)
9 V
L78S09C
L78S09CV
9 V
L78S10
L78S10T (1)
10 V
L78S10C
L78S10CV
L78S10CT (1)
10 V
L78S12
L78S12T (1)
12 V
L78S12C
L78S12CV
L78S12CT
12 V
L78S15
L78S15T (1)
15 V
L78S15C
L78S15CV
15 V
L78S18
L78S18T (1)
18 V
L78S18C
L78S18CV
18 V
L78S24
L78S24T (1)
24 V
L78S24C
L78S24CV
L78S24CT (1)
24 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com