Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L78S09C Datasheet(PDF) 29 Page - STMicroelectronics

Part # L78S09C
Description  2 A positive voltage regulators
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78S09C Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L78S09C Datasheet HTML 25Page - STMicroelectronics L78S09C Datasheet HTML 26Page - STMicroelectronics L78S09C Datasheet HTML 27Page - STMicroelectronics L78S09C Datasheet HTML 28Page - STMicroelectronics L78S09C Datasheet HTML 29Page - STMicroelectronics L78S09C Datasheet HTML 30Page - STMicroelectronics L78S09C Datasheet HTML 31Page - STMicroelectronics L78S09C Datasheet HTML 32Page - STMicroelectronics L78S09C Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
L78Sxx, L78SxxC
Typical performance
Doc ID 2148 Rev 4
29/39
Note:
The circuit performs well up to 100 kHz.
Figure 32.
Reducing power dissipation with dropping resistor
R = ____________________
VI(min)-VXX-VDROP(max)
IO(max)+Id(max)
Figure 33.
Remote shutdown
Figure 34.
Power AM modulator (unity voltage gain, IO ≤ 1 A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com