Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82801BA Datasheet(PDF) 13 Page - Intel Corporation

Part # 82801BA
Description  Intel 82801BA I/O Controller Hub 2 (ICH2) and Intel 82801BAM I/O Controller Hub 2 Mobile
PDF  498 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801BA Datasheet(HTML) 13 Page - Intel Corporation

Back Button 82801BA Datasheet HTML 9Page - Intel Corporation 82801BA Datasheet HTML 10Page - Intel Corporation 82801BA Datasheet HTML 11Page - Intel Corporation 82801BA Datasheet HTML 12Page - Intel Corporation 82801BA Datasheet HTML 13Page - Intel Corporation 82801BA Datasheet HTML 14Page - Intel Corporation 82801BA Datasheet HTML 15Page - Intel Corporation 82801BA Datasheet HTML 16Page - Intel Corporation 82801BA Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 498 page
background image
82801BA ICH2 and 82801BAM ICH2-M
Datasheet
xiii
8.1.10 PBUS_NUM—Primary Bus Number Register
(HUB-PCI—D30:F0) ........................................................................8-6
8.1.11 SBUS_NUM—Secondary Bus Number Register
(HUB-PCI—D30:F0) ........................................................................8-6
8.1.12 SUB_BUS_NUM—Subordinate Bus Number Register
(HUB-PCI—D30:F0) ........................................................................8-6
8.1.13 SMLT—Secondary Master Latency Timer Register
(HUB-PCI—D30:F0) ........................................................................8-6
8.1.14 IOBASE—I/O Base Register (HUB-PCI—D30:F0) ..........................8-7
8.1.15 IOLIM—I/O Limit Register (HUB-PCI—D30:F0) ..............................8-7
8.1.16 SECSTS—Secondary Status Register (HUB-PCI—D30:F0)...........8-8
8.1.17 MEMBASE—Memory Base Register (HUB-PCI—D30:F0) .............8-9
8.1.18 MEMLIM—Memory Limit Register (HUB-PCI—D30:F0) .................8-9
8.1.19 PREF_MEM_BASE—Prefetchable Memory Base Register
(HUB-PCI—D30:F0) ........................................................................8-9
8.1.20 PREF_MEM_MLT—Prefetchable Memory Limit Register
(HUB-PCI—D30:F0) ......................................................................8-10
8.1.21 IOBASE_HI—I/O Base Upper 16 Bits Register
(HUB-PCI—D30:F0) ......................................................................8-10
8.1.22 IOLIM_HI—I/O Limit Upper 16 Bits Register
(HUB-PCI—D30:F0) ......................................................................8-10
8.1.23 INT_LINE—Interrupt Line Register (HUB-PCI—D30:F0) ..............8-10
8.1.24 BRIDGE_CNT—Bridge Control Register (HUB-PCI—D30:F0) .....8-11
8.1.25 BRIDGE_CNT2—Bridge Control Register 2
(HUB-PCI—D30:F0) ......................................................................8-11
8.1.26 CNF—ICH2 Configuration Register (HUB-PCI—D30:F0) .............8-12
8.1.27 MTT—Multi-Transaction Timer Register (HUB-PCI—D30:F0) ......8-12
8.1.28 PCI_MAST_STS—PCI Master Status Register
(HUB-PCI—D30:F0) ......................................................................8-13
8.1.29 ERR_CMD—Error Command Register (HUB-PCI—D30:F0) ........8-13
8.1.30 ERR_STS—Error Status Register (HUB-PCI—D30:F0)................8-14
9
LPC Interface Bridge Registers (D31:F0) ..................................................................9-1
9.1
PCI Configuration Registers (D31:F0) ..........................................................9-1
9.1.1
VID—Vendor ID Register (LPC I/F—D31:F0) ..................................9-2
9.1.2
DID—Device ID Register (LPC I/F—D31:F0) ..................................9-2
9.1.3
PCICMD—PCI COMMAND Register (LPC I/F—D31:F0) ................9-3
9.1.4
PCISTS—PCI Device Status (LPC I/F—D31:F0) ............................9-4
9.1.5
REVID—Revision ID Register (LPC I/F—D31:F0)...........................9-4
9.1.6
PI—Programming Interface (LPC I/F—D31:F0) ..............................9-5
9.1.7
SCC—Sub-Class Code Register (LPC I/F—D31:F0) ......................9-5
9.1.8
BCC—Base-Class Code Register (LPC I/F—D31:F0) ....................9-5
9.1.9
HEADTYP—Header Type Register (LPC I/F—D31:F0) ..................9-5
9.1.10 PMBASE—ACPI Base Address (LPC I/F—D31:F0)........................9-6
9.1.11 ACPI_CNTL—ACPI Control (LPC I/F—D31:F0)..............................9-6
9.1.12 BIOS_CNTL (LPC I/F—D31:F0) ......................................................9-7
9.1.13 TCO_CNTL—TCO Control (LPC I/F—D31:F0) ...............................9-7
9.1.14 GPIOBASE—GPIO Base Address (LPC I/F—D31:F0) ...................9-8
9.1.15 GPIO_CNTL—GPIO Control (LPC I/F—D31:F0) ............................9-8
9.1.16 PIRQ[n]_ROUT—PIRQ[A,B,C,D] Routing Control
(LPC I/F—D31:F0) ...........................................................................9-8
9.1.17 SERIRQ_CNTL—Serial IRQ Control (LPC I/F—D31:F0) ................9-9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com