Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82801BA Datasheet(PDF) 45 Page - Intel Corporation

Part # 82801BA
Description  Intel 82801BA I/O Controller Hub 2 (ICH2) and Intel 82801BAM I/O Controller Hub 2 Mobile
PDF  498 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801BA Datasheet(HTML) 45 Page - Intel Corporation

Back Button 82801BA Datasheet HTML 41Page - Intel Corporation 82801BA Datasheet HTML 42Page - Intel Corporation 82801BA Datasheet HTML 43Page - Intel Corporation 82801BA Datasheet HTML 44Page - Intel Corporation 82801BA Datasheet HTML 45Page - Intel Corporation 82801BA Datasheet HTML 46Page - Intel Corporation 82801BA Datasheet HTML 47Page - Intel Corporation 82801BA Datasheet HTML 48Page - Intel Corporation 82801BA Datasheet HTML 49Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 498 page
background image
82801BA ICH2 and 82801BAM ICH2-M Datasheet
2-9
Signal Description
2.11
Processor Interface
Table 2-11. Processor Interface Signals
Name
Type
Description
A20M#
O
Mask A20: A20M# goes active based on setting the appropriate bit in the Port 92h
register, or based on the A20GATE signal.
Speed Strap: During the reset sequence, ICH2 drives A20M# high if the
corresponding bit is set in the FREQ_STRP register.
CPUSLP#
O
Processor Sleep: This signal puts the processor into a state that saves
substantial power compared to Stop-Grant state. However, during that time, no
snoops occur. The ICH2 can optionally assert the CPUSLP# signal when going to
the S1 state.
FERR#
I
Numeric Coprocessor Error: This signal is tied to the coprocessor error signal
on the processor. FERR# is only used if the ICH2 coprocessor error reporting
function is enabled in the General Control Register (Device 31:Function 0, Offset
D0, bit 13). If FERR# is asserted, the ICH2 generates an internal IRQ13 to its
interrupt controller unit. It is also used to gate the IGNNE# signal to ensure that
IGNNE# is not asserted to the processor unless FERR# is active. FERR# requires
an external weak pull-up to ensure a high level when the coprocessor error
function is disabled.
IGNNE#
O
Ignore Numeric Error: This signal is connected to the ignore error pin on the
processor. IGNNE# is only used if the ICH2 coprocessor error reporting function is
enabled in the General Control Register (Device 31:Function 0, Offset D0,
bit 13). If FERR# is active, indicating a coprocessor error, a write to the
Coprocessor Error Register (F0h) causes the IGNNE# to be asserted. IGNNE#
remains asserted until FERR# is negated. If FERR# is not asserted when the
Coprocessor Error Register is written, the IGNNE# signal is not asserted.
Speed Strap: During the reset sequence, ICH2 drives IGNNE# high if the
corresponding bit is set in the FREQ_STRP register.
INIT#
O
Initialization: INIT# is asserted by the ICH2 for 16 PCI clocks to reset the
processor. ICH2 can be configured to support processor BIST. In that case, INIT#
will be active when PCIRST# is active.
INTR
O
Processor Interrupt: INTR is asserted by the ICH2 to signal the processor that
an interrupt request is pending and needs to be serviced. It is an asynchronous
output and normally driven low.
Speed Strap: During the reset sequence, ICH2 drives INTR high if the
corresponding bit is set in the FREQ_STRP register.
NMI
O
Non-Maskable Interrupt: NMI is used to force a non-maskable interrupt to the
processor. The ICH2 can generate an NMI when either SERR# or IOCHK# is
asserted. The processor detects an NMI when it detects a rising edge on NMI.
NMI is reset by setting the corresponding NMI source enable/disable bit in the NMI
Status and Control Register.
Speed Strap: During the reset sequence, ICH2 drives NMI high if the
corresponding bit is set in the FREQ_STRP register.
SMI#
O
System Management Interrupt: SMI# is an active low output synchronous to
PCICLK. It is asserted by the ICH2 in response to one of many enabled hardware
or software events.
STPCLK#
O
Stop Clock Request: STPCLK# is an active low output synchronous to PCICLK.
It is asserted by the ICH2 in response to one of many hardware or software
events. When the processor samples STPCLK# asserted, it responds by stopping
its internal clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com