Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82801BA Datasheet(PDF) 49 Page - Intel Corporation

Part # 82801BA
Description  Intel 82801BA I/O Controller Hub 2 (ICH2) and Intel 82801BAM I/O Controller Hub 2 Mobile
PDF  498 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801BA Datasheet(HTML) 49 Page - Intel Corporation

Back Button 82801BA Datasheet HTML 45Page - Intel Corporation 82801BA Datasheet HTML 46Page - Intel Corporation 82801BA Datasheet HTML 47Page - Intel Corporation 82801BA Datasheet HTML 48Page - Intel Corporation 82801BA Datasheet HTML 49Page - Intel Corporation 82801BA Datasheet HTML 50Page - Intel Corporation 82801BA Datasheet HTML 51Page - Intel Corporation 82801BA Datasheet HTML 52Page - Intel Corporation 82801BA Datasheet HTML 53Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 498 page
background image
82801BA ICH2 and 82801BAM ICH2-M Datasheet
2-13
Signal Description
2.19
Power and Ground
GPIO[5]
Not implemented.
GPIO[4:3]
I
Fixed as Input only. Main power well. Can be used instead as PIRQ[G:F]#.
GPIO[2]
Not implemented.
GPIO[1:0]
I
Fixed as Input only. Main Power Well. Can instead be used for PC/PCI
REQ[A:B]#. GPIO[1] can also alternatively be used for PCI REQ[5]#.
Table 2-19. Power and Ground Signals
Name
Description
Vcc3_3
3.3V supply for Core well I/O buffers. This power may be shut off in S3, S5 or G3 states.
Vcc1_8
1.8V supply for Core well logic. This power may be shut off in S3, S5 or G3 states.
V5REF
Reference for 5V tolerance on Core well inputs. This power may be shut off in S3, S5 or
G3 states.
HUBREF
0.9V reference for the hub interface. This power may be shut off in S3, S5 or G3 states.
VccSus3_3
3.3V supply for Resume well I/O buffers. This power is not expected to be shut off unless
power is removed.
•
82801BA ICH2: The system is unplugged.
•
82801BAM ICH2-M: The main battery is removed or completely drained and AC
power is not available.
VccSus1_8
1.8V supply for Resume well logic. This power is not expected to be shut off unless power
is removed.
•
82801BA ICH2: The system is unplugged.
•
82801BAM ICH2-M: The main battery is removed or completely drained and AC
power is not available.
V5REF_SUS
Reference for 5V tolerance on Resume well inputs. This power is not expected to be shut
off unless power is removed.
•
82801BA ICH2: The system is unplugged. Note that V5REF_SUS only affects 5V
tolerance for the USB OC[3:0]# pins and can be connected to VccSUS3_3 if 5V
tolerance on these signals is not required.
•
82801BAM ICH2-M: The main battery is removed or completely drained and AC
power is not available.
VccRTC
3.3V (can drop to 2.0V min. in G3 state) supply for the RTC well. This power is not
expected to be shut off unless the RTC battery is removed or completely drained.
Note: Implementations should not attempt to clear CMOS by using a jumper to pull
VccRTC low. Clearing CMOS in an ICH2-based platform can be done by using a jumper
on RTCRST# or GPI, or using SAFEMODE strap.
VccLAN3_3
(ICH2-M only)
3.3V supply for LAN Connect interface buffers. This is a separate power plane that may or
may not be energized in S3–S5 states depending upon the presence or absence of AC
power and network connectivity. This plane must be on in S0 and S1.
VccLAN1_8
(ICH2-M only)
1.8V supply for LAN controller logic. This is a separate power plane that may or may not
be energized in S3–S5 states depending upon the presence or absence of AC power and
network connectivity. This plane must be on in S0 and S1.
VBIAS
RTC well bias voltage. The DC reference voltage applied to this pin sets a current that is
mirrored throughout the oscillator and buffer circuitry. See Section 2.20.3.
V_CPU_IO
Powered by the same supply as the processor I/O voltage. This supply is used to drive the
processor interface outputs.
Vss
Grounds.
Table 2-18. General Purpose I/O Signals (Continued)
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com