Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

641 Datasheet(PDF) 19 Page - Intel Corporation

Part # 641
Description  Intel Pentium 4 Processor
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

641 Datasheet(HTML) 19 Page - Intel Corporation

Back Button 641 Datasheet HTML 15Page - Intel Corporation 641 Datasheet HTML 16Page - Intel Corporation 641 Datasheet HTML 17Page - Intel Corporation 641 Datasheet HTML 18Page - Intel Corporation 641 Datasheet HTML 19Page - Intel Corporation 641 Datasheet HTML 20Page - Intel Corporation 641 Datasheet HTML 21Page - Intel Corporation 641 Datasheet HTML 22Page - Intel Corporation 641 Datasheet HTML 23Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 106 page
background image
Datasheet
19
Electrical Specifications
VTT_OUT_LEFT
and
VTT_OUT_RIGHT
ICC
DC Current that may be drawn from
VTT_OUT_LEFT and VTT_OUT_RIGHT per
pin
—
—
580
mA
ITT
Steady-state FSB termination current
—
—
3.5
A
15, 16
ITT_POWER-UP
Power-up FSB termination current
—
—
4.5
A
15, 17
ICC_VCCA
ICC for PLL lands
—
—
35
mA
ICC_VCCIOPLL
ICC for I/O PLL land
—
—
26
mA
ICC_GTLREF
ICC for GTLREF
—
—
200
µA
NOTES:
1. Unless otherwise noted, all specifications in this table are based on estimates and simulations or empirical data. These
specifications will be updated with characterized data from silicon measurements at a later date.
2. Adherence to the voltage specifications for the processor are required to ensure reliable processor operation.
3. Each processor is programmed with a maximum valid voltage identification value (VID) that is set at manufacturing and can
not be altered. Individual maximum VID values are calibrated during manufacturing such that two processors at the same
frequency may have different settings within the VID range. Note that this differs from the VID employed by the processor
during a power management event (Thermal Monitor 2, Enhanced Intel SpeedStep technology, or Enhanced HALT State).
4.
These voltages are targets only. A variable voltage source should exist on systems in the event that a different
voltage is required. See Section 2.3 and Table 2 for more information.
5. The voltage specification requirements are measured across VCC_SENSE and VSS_SENSE lands at the socket with a 100 MHz
bandwidth oscilloscope, 1.5 pF maximum probe capacitance, and 1 M
Ω minimum impedance. The maximum length of ground
wire on the probe should be less than 5 mm. Ensure external noise from the system is not coupled into the oscilloscope probe.
6.
Refer to Table 5 and Figure 1 for the minimum, typical, and maximum VCC allowed for a given current. The
processor should not be subjected to any VCC and ICC combination wherein VCC exceeds VCC_MAX for a given
current.
7. ICC_MAX is specified at VCC_MAX.
8. The current specified is also for AutoHALT State.
9. ICC Stop-Grant is specified at VCC_MAX.
10.ISGNT and IENHANCED_AUTO_HALT are specified at VCC_TYP and TC = 50 °C.
11.These parameters are based on design characterization and are not tested.
12.The maximum instantaneous current the processor will draw while the thermal control circuit is active (as indicated by the
assertion of PROCHOT#) is the same as the maximum ICC for the processor.
13.VTT must be provided via a separate voltage source and not be connected to VCC. This specification is measured at the land.
14.Baseboard bandwidth is limited to 20 MHz.
15.
This is maximum total current drawn from VTT plane by only the processor. This specification does not include
the current coming from RTT (through the signal line). Refer to the Voltage Regulator-Down (VRD) 10.1 Design Guide
For Desktop and Transportable LGA775 Socket
to determine the total ITT drawn by the system.
16.This is a steady-state ITT current specification, which is applicable when both VTT and VCC are high.
17.This is a power-up peak current specification that is applicable when VTT is high and VCC is low.
Table 4.
Voltage and Current Specification
Symbol
Parameter
Min
Typ
Max
Unit
Notes1, 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com