Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

641 Datasheet(PDF) 27 Page - Intel Corporation

Part # 641
Description  Intel Pentium 4 Processor
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

641 Datasheet(HTML) 27 Page - Intel Corporation

Back Button 641 Datasheet HTML 23Page - Intel Corporation 641 Datasheet HTML 24Page - Intel Corporation 641 Datasheet HTML 25Page - Intel Corporation 641 Datasheet HTML 26Page - Intel Corporation 641 Datasheet HTML 27Page - Intel Corporation 641 Datasheet HTML 28Page - Intel Corporation 641 Datasheet HTML 29Page - Intel Corporation 641 Datasheet HTML 30Page - Intel Corporation 641 Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 106 page
background image
Datasheet
27
Electrical Specifications
Table 13.
VTTPWRGD DC Specifications
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input Low Voltage
—
—
0.3
V
VIH
Input High Voltage
0.9
—
—
V
Table 14.
BSEL[2:0] and VID[5:0] DC Specifications
Symbol
Parameter
Max
Unit
Notes1, 2
NOTES:
1. Unless otherwise noted, all specifications in this table apply to all processor frequencies.
2. These parameters are not tested and are based on design simulations.
RON (BSEL) Buffer On Resistance
120
Ω
RON (VID) Buffer On Resistance
120
Ω
IOL
Max Land Current
2.4
mA
ILO
Output Leakage Current
200
µA
3
3. Leakage to VSS with land held at 2.5 V.
VTOL
Voltage Tolerance
VTT(max)
V
Table 15.
BOOTSELECT DC Specifications
Symbol
Parameter
Min
Typ
Max
Unit
Notes
VIL
Input Low Voltage
—
—
0.24
V
1
NOTES:
1. These parameters are not tested and are based on design simulations.
VIH
Input High Voltage
0.96
—
—
V
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com