Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

641 Datasheet(PDF) 64 Page - Intel Corporation

Part # 641
Description  Intel Pentium 4 Processor
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

641 Datasheet(HTML) 64 Page - Intel Corporation

Back Button 641 Datasheet HTML 60Page - Intel Corporation 641 Datasheet HTML 61Page - Intel Corporation 641 Datasheet HTML 62Page - Intel Corporation 641 Datasheet HTML 63Page - Intel Corporation 641 Datasheet HTML 64Page - Intel Corporation 641 Datasheet HTML 65Page - Intel Corporation 641 Datasheet HTML 66Page - Intel Corporation 641 Datasheet HTML 67Page - Intel Corporation 641 Datasheet HTML 68Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 106 page
background image
Land Listing and Signal Descriptions
64
Datasheet
4.2
Alphabetical Signals Reference
Table 25.
Signal Description (Sheet 1 of 9)
Name
Type
Description
A[35:3]#
Input/
Output
A[35:3]# (Address) define a 236-byte physical memory address
space. In sub-phase 1 of the address phase, these signals transmit
the address of a transaction. In sub-phase 2, these signals transmit
transaction type information. These signals must connect the
appropriate pins/lands of all agents on the processor FSB.
A[35:3]# are protected by parity signals AP[1:0]#. A[35:3]# are
source synchronous signals and are latched into the receiving
buffers by ADSTB[1:0]#.
On the active-to-inactive transition of RESET#, the processor
samples a subset of the A[35:3]# signals to determine power-on
configuration. See Section 6.1 for more details.
A20M#
Input
If A20M# (Address-20 Mask) is asserted, the processor masks
physical address bit 20 (A20#) before looking up a line in any
internal cache and before driving a read/write transaction on the
bus. Asserting A20M# emulates the 8086 processor's address
wrap-around at the 1-MB boundary. Assertion of A20M# is only
supported in real mode.
A20M# is an asynchronous signal. However, to ensure recognition
of this signal following an Input/Output write instruction, it must be
valid along with the TRDY# assertion of the corresponding Input/
Output Write bus transaction.
ADS#
Input/
Output
ADS# (Address Strobe) is asserted to indicate the validity of the
transaction address on the A[35:3]# and REQ[4:0]# signals. All
bus agents observe the ADS# activation to begin parity checking,
protocol checking, address decode, internal snoop, or deferred
reply ID match operations associated with the new transaction.
ADSTB[1:0]#
Input/
Output
Address strobes are used to latch A[35:3]# and REQ[4:0]# on
their rising and falling edges. Strobes are associated with signals as
shown below.
AP[1:0]#
Input/
Output
AP[1:0]# (Address Parity) are driven by the request initiator along
with ADS#, A[35:3]#, and the transaction type on the REQ[4:0]#.
A correct parity signal is high if an even number of covered signals
are low and low if an odd number of covered signals are low. This
allows parity to be high when all the covered signals are high.
AP[1:0]# should connect the appropriate pins/lands of all
processor FSB agents. The following table defines the coverage
model of these signals.
Signals
Associated Strobe
REQ[4:0]#, A[16:3]#
ADSTB0#
A[35:17]#
ADSTB1#
Request Signals
Subphase 1
Subphase 2
A[35:24]#
AP0#
AP1#
A[23:3]#
AP1#
AP0#
REQ[4:0]#
AP1#
AP0#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com