Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95128-MB3P/PC Datasheet(PDF) 10 Page - STMicroelectronics

Part # M95128-MB3P/PC
Description  128 Kbit serial SPI bus EEPROM with high speed clock
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95128-MB3P/PC Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M95128-MB3P/PC Datasheet HTML 6Page - STMicroelectronics M95128-MB3P/PC Datasheet HTML 7Page - STMicroelectronics M95128-MB3P/PC Datasheet HTML 8Page - STMicroelectronics M95128-MB3P/PC Datasheet HTML 9Page - STMicroelectronics M95128-MB3P/PC Datasheet HTML 10Page - STMicroelectronics M95128-MB3P/PC Datasheet HTML 11Page - STMicroelectronics M95128-MB3P/PC Datasheet HTML 12Page - STMicroelectronics M95128-MB3P/PC Datasheet HTML 13Page - STMicroelectronics M95128-MB3P/PC Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
Signal description
M95128, M95128-W, M95128-R
10/44
Doc ID 5798 Rev 13
3.6
Write Protect (W)
The main purpose of this input signal is to freeze the size of the area of memory that is
protected against Write instructions (as specified by the values in the BP1 and BP0 bits of
the Status Register).
This pin must be driven either high or low, and must be stable during all write instructions.
3.7
VSS ground
VSS is the reference for the VCC supply voltage.
3.8
Supply voltage (VCC)
3.8.1
Operating supply voltage VCC
Prior to selecting the memory and issuing instructions to it, a valid and stable VCC voltage
within the specified [VCC(min), VCC(max)] range must be applied (see Table 7, Table 8 and
Table 9). This voltage must remain stable and valid until the end of the transmission of the
instruction and, for a Write instruction, until the completion of the internal write cycle (tW). In
order to secure a stable DC supply voltage, it is recommended to decouple the VCC line with
a suitable capacitor (usually of the order of 10 nF to 100 nF) close to the VCC/VSS package
pins.
3.8.2
Device reset
In order to prevent inadvertent write operations during power-up, a power-on-reset (POR)
circuit is included. At power-up, the device does not respond to any instruction until VCC
reaches the internal reset threshold voltage (this threshold is defined in DC tables 12, 13, 14
and 15 as VRES.
When VCC passes over the POR threshold, the device is reset and in the following state:
●
in Standby Power mode
●
deselected (note that, to be executed, an instruction must be preceded by a falling
edge on Chip Select (S))
●
Status register values:
–
the Write Enable Latch (WEL) bit is reset to 0
–
the Write In Progress (WIP) bit is reset to 0
–
the SRWD, BP1 and BP0 bits remain unchanged (non-volatile bits).
When VCC passes over the POR threshold, the device is reset and enters the Standby
Power mode. The device must not be accessed until VCC reaches a valid and stable VCC
voltage within the specified [VCC(min), VCC(max)] range defined in Table 7, Table 8 and
Table 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com