Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95128-MB3P/PC Datasheet(PDF) 11 Page - STMicroelectronics

Part # M95128-MB3P/PC
Description  128 Kbit serial SPI bus EEPROM with high speed clock
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95128-MB3P/PC Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M95128-MB3P/PC Datasheet HTML 7Page - STMicroelectronics M95128-MB3P/PC Datasheet HTML 8Page - STMicroelectronics M95128-MB3P/PC Datasheet HTML 9Page - STMicroelectronics M95128-MB3P/PC Datasheet HTML 10Page - STMicroelectronics M95128-MB3P/PC Datasheet HTML 11Page - STMicroelectronics M95128-MB3P/PC Datasheet HTML 12Page - STMicroelectronics M95128-MB3P/PC Datasheet HTML 13Page - STMicroelectronics M95128-MB3P/PC Datasheet HTML 14Page - STMicroelectronics M95128-MB3P/PC Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
M95128, M95128-W, M95128-R
Signal description
Doc ID 5798 Rev 13
11/44
3.8.3
Power-up conditions
When the power supply is turned on, VCC continuously rises from VSS to VCC. During this
time, the Chip Select (S) line is not allowed to float but should follow the VCC voltage. It is
therefore recommended to connect the S line to VCC via a suitable pull-up resistor (see
Figure 12).
In addition, the Chip Select (S) input offers a built-in safety feature, as it is edge-sensitive as
well as level-sensitive: after power-up, the device does not become selected until a falling
edge has first been detected on Chip Select (S). This ensures that Chip Select (S) must
have been high, prior to going low to start the first operation.
The VCC voltage has to rise continuously from 0 V up to the minimum VCC operating voltage
defined in Table 7, Table 8 and Table 9 and the rise time must not vary faster than 1 V/µs.
3.8.4
Power-down
During power-down (continuous decrease in the VCC supply voltage below the minimum
VCC operating voltage defined in Table 7, Table 8 and Table 9), the device must be:
●
deselected (Chip Select S should be allowed to follow the voltage applied on VCC)
●
in Standby Power mode (there should not be any internal write cycle in progress).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com